|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PD2018 - DIODE MODULE - 200A/800V - Nihon Inter Electronics Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| NDL7408P | 1 310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER | 1 2 3 4 5 More | NEC |
| NX7660JC | InGaAsP STRAINED DC-PBH LASER DIODE MODULE 1 625 nm TELEMETRY APPLICATION | 1 2 3 4 5 More | NEC |
| MDD310 | Diode/Diode Module | 1 | List of Unclassifed Manufacturers |
| FRG25CA120 | DIODE MODULE F.R.D. | 1 2 | SanRex Corporation |
| QR0610T30 | Fast Recovery Diode Module 100 Amp/600 Volts | 1 2 3 | Powerex Power Semiconductors |
| QRS1240T30 | Fast Recovery Diode Module 400 Amp/1200 Volts | 1 2 3 | Powerex Power Semiconductors |
| NX8563 | NECs CW InGaAsP MQW DFB LASER DIODE MODULE FOR DWDM APPLICATIONS 10 mW MIN | 1 2 3 4 5 More | California Eastern Labs |
| DSR200BA50 | ISOLATED DIODE MODULE SOFT RECOVERY DIODE | 1 | SanRex Corporation |
| MEA95-06DA | Fast Recovery Epitaxial Diode FRED Module | 1 2 | IXYS Corporation |
| PC25012 | DIODE MODULE 250A/1200 1600V | 1 2 3 | Nihon Inter Electronics Corporation |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|