Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD2008 Datasheet (PDF) - Nihon Inter Electronics Corporation

PD2008 Datasheet PDF - Nihon Inter Electronics Corporation
Part # PD2008
Download  PD2008 Download

File Size   204.75 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description DIODE MODULE 200A/800V

PD2008 Datasheet (PDF)

Go To PDF Page Download Datasheet
PD2008 Datasheet PDF - Nihon Inter Electronics Corporation

Part # PD2008
Download  PD2008 Click to download

File Size   204.75 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description DIODE MODULE 200A/800V

PD2008 Datasheet (HTML) - Nihon Inter Electronics Corporation

PD2008 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PD2008 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PD2008 Datasheet HTML 3Page - Nihon Inter Electronics Corporation



Similar Part No. - PD2008

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PD2008 NIEC-PD2008 Datasheet
156Kb / 2P
   200A Avg 800 Volts
More results


Similar Description - PD2008

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PD2018 NIEC-PD2018 Datasheet
172Kb / 6P
   DIODE MODULE - 200A/800V
PT200S8 NIEC-PT200S8 Datasheet
128Kb / 3P
   DIODE MODULE 200A/800V
PCH2008 NIEC-PCH2008 Datasheet
256Kb / 5P
   THYRISTOR MODULE 200A/800V
PDT2018 NIEC-PDT2018 Datasheet
328Kb / 9P
   THYRISTOR MODULE 200A / 800V
PGH2008AM NIEC-PGH2008AM Datasheet
237Kb / 4P
   THYRISTOR MODULE 200A / 800V
PDT2008 NIEC-PDT2008 Datasheet
262Kb / 5P
   THYRISTOR MODULE 200A / 800V
logo
Shindengen Electric Mfg...
MG061C200080A SHINDENGEN-MG061C200080A Datasheet
390Kb / 4P
   Bridge Diodes 800V, 200A
MG038A200080A SHINDENGEN-MG038A200080A Datasheet
1Mb / 6P
   Bridge Diodes 800V, 200A
logo
MacMic
MMD200S160U MACMIC-MMD200S160U Datasheet
279Kb / 3P
   200A Rectifier Diode Module
MMD200S MACMIC-MMD200S Datasheet
196Kb / 3P
   200A Rectifier Diode Module
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com