Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMF2412S Datasheet (PDF) - List of Unclassifed Manufacturers

NMF2412S Datasheet PDF - List of Unclassifed Manufacturers
Part # NMF2412S
Download  NMF2412S Download

File Size   38.08 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description DC/DC Converters

NMF2412S Datasheet (PDF)

Go To PDF Page Download Datasheet
NMF2412S Datasheet PDF - List of Unclassifed Manufacturers

Part # NMF2412S
Download  NMF2412S Click to download

File Size   38.08 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description DC/DC Converters

NMF2412S Datasheet (HTML) - List of Unclassifed Manufacturers

NMF2412S Datasheet HTML 1Page - List of Unclassifed Manufacturers NMF2412S Datasheet HTML 2Page - List of Unclassifed Manufacturers

NMF2412S Product details

[International-Power-Sources]

DESCRIPTION
The NMF Series is a family of miniature fully regulated isolated DC/DC converters. Units are available with 5, 12, 24, and 48 VDC inputs and outputs of 5, 9, 12, 12.75, and 15 VDC. Delivered power is 1 Watt, input to output isolation of 1000 VDC with units occupying only 0.18 square inches of board space.
The NMF0512S and NMF0513S are specifically designed for use with flash memory. A control pin is provided for remote in-circuit electrical erasure and reprogramming of flash memory devices.

FEATURES
• Remote Flash Programming
• 1000 VDC Isolation
• 0.18 in2 Board Space
• 5, 9, 12, 12.75, and 15 VDC Outputs
• Fully Regulated Outputs
• 100% Tested/Burned-In
• 5, 12, 24, and 48 VDC Inputs
• Surface Mount Available




Similar Part No. - NMF2412S

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMF2412S CANDD-NMF2412S Datasheet
116Kb / 2P
   Isolated 1W Regulated Single Output DC-DC Converters
logo
List of Unclassifed Man...
NMF2412SC ETC2-NMF2412SC Datasheet
450Kb / 4P
   Isolated 1W Regulated Single Output DC/DC Converters
More results


Similar Description - NMF2412S

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com