|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SKAI5001MD151452W - 150V MOSFET Advanced Drive System - Semikron International |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SKAI6001MD101452W | 100V MOSFET Advanced Drive System | 1 2 | Semikron International |
| SKAI7001MD0751452W | 75V MOSFET Advanced Drive System | 1 2 | Semikron International |
| SKAI3001GD121452W | 1200V IGBT Advanced Drive System | 1 2 | Semikron International |
| SKAI4001GD061452W | 600V IGBT Advanced Drive System | 1 2 | Semikron International |
| FQA28N15 | 150V N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FQP16N15 | 150V N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FQAF46N15 | 150V N - CHANNEL MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| IRF520A | Advanced Power MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| IRFS510A | Advanced Power MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| IRL630A | Advanced Power MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
Datasheet Page |
1 2 |
Link URL |
|
|