|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SKAI4001GD061452W - 600V IGBT Advanced Drive System - Semikron International |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SKAI3001GD121452W | 1200V IGBT Advanced Drive System | 1 2 | Semikron International |
| SKAI5001MD151452W | 150V MOSFET Advanced Drive System | 1 2 | Semikron International |
| SKAI6001MD101452W | 100V MOSFET Advanced Drive System | 1 2 | Semikron International |
| SKAI7001MD0751452W | 75V MOSFET Advanced Drive System | 1 2 | Semikron International |
| PP450D060 | POW-R-PAK 450A / 600V Half Bridge IGBT Assembly | 1 2 3 4 5 More | Powerex Power Semiconductors |
| STGD3NB60H | N-CHANNEL 3A - 600V TO-252 PowerMESH IGBT | 1 2 3 4 5 More | STMicroelectronics |
| STGP3NB60H | N-CHANNEL 3A - 600V TO-220 PowerMESH IGBT | 1 2 3 4 5 More | STMicroelectronics |
| STGW40NC60V | N-CHANNEL 50A - 600V TO-247 Hyper Fast PowerMESH⢠IGBT | 1 2 3 4 5 More | STMicroelectronics |
| HGTG7N60A4D | 600V SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode | 1 2 3 4 5 More | Fairchild Semiconductor |
| HGT1S3N60A4DS | 600V SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode | 1 2 3 4 5 More | Intersil Corporation |
Datasheet Page |
1 2 |
Link URL |
|
|