|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SKAI3001GD121452W - 1200V IGBT Advanced Drive System - Semikron International |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SKAI4001GD061452W | 600V IGBT Advanced Drive System | 1 2 | Semikron International |
| SKAI5001MD151452W | 150V MOSFET Advanced Drive System | 1 2 | Semikron International |
| SKAI6001MD101452W | 100V MOSFET Advanced Drive System | 1 2 | Semikron International |
| SKAI7001MD0751452W | 75V MOSFET Advanced Drive System | 1 2 | Semikron International |
| PP600D120 | POW-R-PAK 600A / 1200V Half Bridge IGBT Assembly | 1 2 3 4 5 More | Powerex Power Semiconductors |
| HGTG27N120BN | 72A 1200V NPT Series N-Channel IGBT | 1 2 3 4 5 More | Fairchild Semiconductor |
| 6MBI15S-120 | IGBT MODULE S series 1200V / 15A | 1 2 3 4 | Fuji Electric |
| HGTG20N120CN | 63A 1200V NPT Series N-Channel IGBT | 1 2 3 4 5 More | Intersil Corporation |
| PCHMB200B12 | IGBT MODULE Chopper 200A 1200V | 1 2 3 | Nihon Inter Electronics Corporation |
| PDMB200B12C2 | IGBT MODULE Dual 200A 1200V | 1 2 3 | Nihon Inter Electronics Corporation |
Datasheet Page |
1 2 |
Link URL |
|
|