Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRV05-4 Datasheet (PDF) - Semtech Corporation

SRV05-4 Datasheet PDF - Semtech Corporation
Part # SRV05-4
Download  SRV05-4 Download

File Size   289.44 Kbytes
Page   12 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Low Capacitance TVS Diode Array

SRV05-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
SRV05-4 Datasheet PDF - Semtech Corporation

Part # SRV05-4
Download  SRV05-4 Click to download

File Size   289.44 Kbytes
Page   12 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Low Capacitance TVS Diode Array

SRV05-4 Datasheet (HTML) - Semtech Corporation

Back Button SRV05-4 Datasheet HTML 1Page - Semtech Corporation SRV05-4 Datasheet HTML 2Page - Semtech Corporation SRV05-4 Datasheet HTML 3Page - Semtech Corporation SRV05-4 Datasheet HTML 4Page - Semtech Corporation SRV05-4 Datasheet HTML 5Page - Semtech Corporation SRV05-4 Datasheet HTML 6Page - Semtech Corporation SRV05-4 Datasheet HTML 7Page - Semtech Corporation SRV05-4 Datasheet HTML 8Page - Semtech Corporation SRV05-4 Datasheet HTML 9Page - Semtech Corporation SRV05-4 Datasheet HTML 10Page - Semtech Corporation Next Button 

SRV05-4 Product details

Description
RailClamps are surge rated diode arrays designed to protect high speed data interfaces. The SR series has been specifically designed to protect sensitive components which are connected to data and transmission lines from overvoltage caused by electrostatic discharge (ESD), electrical fast transients (EFT), and lightning.
The unique design of the SR series devices incorporates eight surge rated, low capacitance steering diodes and a TVS diode in a single package. During transient conditions, the steering diodes direct the transient to either the positive side of the power supply line or to ground. The internal TVS diode prevents over-voltage on the power line, protecting any down stream components.

Features
♦ ESD protection for high-speed data lines to
  IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
   IEC 61000-4-4 (EFT) 40A (5/50ns)
   IEC 61000-4-5 (Lightning) 12A (8/20µs)
♦ Array of surge rated diodes with internal TVS Diode
♦ Small package saves board space
♦ Protects four I/O lines
♦ Low capacitance: 3pF typical
♦ Low clamping voltage
♦ Low operating voltage: 5.0V
♦ Solid-state silicon-avalanche technology

Applications
♦ USB 2.0 Power and Data Line Protection
♦ Video Graphics Cards
♦ Monitors and Flat Panel Displays
♦ Digital Video Interface (DVI)
♦ 10/100/1000 Ethernet
♦ Notebook Computers
♦ SIM Ports
♦ ATM Interfaces
♦ IEEE 1394 Firewire Ports




Similar Part No. - SRV05-4

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SRV05-4 PROTEC-SRV05-4 Datasheet
102Kb / 4P
   STEERING DIODE / TVS ARRAY COMBO
logo
Shanghai Shunye Electro...
SRV05-4 SHUNYE-SRV05-4 Datasheet
1Mb / 3P
   Low Capacitance TVS Diode Array
logo
Protek Devices
SRV05-4 PROTEC-SRV05-4 Datasheet
79Kb / 4P
   STEERING DIODE/ TVS ARRAY COMBO
logo
Applied Power Microelec...
SRV05-4 APMICRO-SRV05-4 Datasheet
620Kb / 8P
   4-Line Low Capacitance TVS Diode Array
logo
Semtech Corporation
SRV05-4 SEMTECH-SRV05-4 Datasheet
291Kb / 13P
   RailClamp짰 Low Capacitance TVS Diode Array
More results


Similar Description - SRV05-4

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XBP1001 TOREX-XBP1001 Datasheet
183Kb / 5P
   Low Capacitance TVS Diode Array
XBP1004 TOREX-XBP1004 Datasheet
169Kb / 5P
   Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSULC0502T3 YEASHIN-YSULC0502T3 Datasheet
768Kb / 3P
   Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
LC05CD LEIDITECH-LC05CD Datasheet
145Kb / 3P
   Low Capacitance TVS Diode Array
logo
Torex Semiconductor
XBP14E5UFN-G TOREX-XBP14E5UFN-G Datasheet
187Kb / 6P
   Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSBLCXXC YEASHIN-YSBLCXXC Datasheet
1Mb / 10P
   LOW CAPACITANCE TVS DIODE ARRAY
YSBLC03C YEASHIN-YSBLC03C Datasheet
1Mb / 4P
   LOW CAPACITANCE TVS DIODE ARRAY
YSBLC08C YEASHIN-YSBLC08C Datasheet
1Mb / 4P
   LOW CAPACITANCE TVS DIODE ARRAY
logo
E-CMOS Corporation
ECGLBXXCG E-CMOS-ECGLBXXCG Datasheet
242Kb / 3P
   Low Capacitance TVS Diode Array
logo
Semtech Corporation
SRV08-4 SEMTECH-SRV08-4 Datasheet
503Kb / 7P
   Low Capacitance TVS Diode Array
SRDA3.3-4 SEMTECH-SRDA3.3-4_03 Datasheet
259Kb / 10P
   Low Capacitance TVS Diode Array
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com