|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
3EZ1 - Zener silicon diodes - Semikron International |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MMSZ5221B | SURFACE MOUNT SILICON ZENER DIODES | 1 2 3 4 5 | Pan Jit International Inc. |
| ZMM1 | 0.5W SILICON PLANAR ZENER DIODES | 1 2 3 4 5 More | Shanghai Lunsure Electronic Tech |
| 1N5913A | SILICON ZENER DIODES | 1 2 | EIC discrete Semiconductors |
| SZ553J | SURFACE MOUNT SILICON ZENER DIODES | 1 2 | EIC discrete Semiconductors |
| ZMM5225 | SILICON PLANAR ZENER DIODES | 1 2 3 | GOOD-ARK Electronics |
| 1N3016B | Silicon 1 WATT Zener Diodes | 1 2 | Microsemi Corporation |
| 1N5985 | SILICON 500 mW ZENER DIODES | 1 2 3 | Microsemi Corporation |
| SMBG5913 | SILICON 1.5 WATT ZENER DIODES SURFACE MOUNT | 1 2 | Microsemi Corporation |
| 1CZ47 | SILICON PLANAR ZENER DIODES | 1 2 3 | Continental Device India Limited |
| ZY75 | SILICON GLASS PASSIVATED 2.0 WATT ZENER DIODES | 1 2 3 | Continental Device India Limited |
Datasheet Page |
1 |
Link URL |
|
|