Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL60402 Datasheet (PDF) - Zarlink Semiconductor Inc

ZL60402 Datasheet PDF - Zarlink Semiconductor Inc
Part # ZL60402
Download  ZL60402 Download

File Size   308.72 Kbytes
Page   9 Pages
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc
Description 2.5 Gbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor

ZL60402 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZL60402 Datasheet PDF - Zarlink Semiconductor Inc

Part # ZL60402
Download  ZL60402 Click to download

File Size   308.72 Kbytes
Page   9 Pages
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc
Description 2.5 Gbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor

ZL60402 Datasheet (HTML) - Zarlink Semiconductor Inc

ZL60402 Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL60402 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL60402 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL60402 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL60402 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL60402 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL60402 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL60402 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL60402 Datasheet HTML 9Page - Zarlink Semiconductor Inc

ZL60402 Product details

Description
The Fabry-Perot Laser Diode Receptacle type series is designed for use with SC, FC and ST type fiber connectors as source in telecom and datacom applications.
The ZL60402 is a 1310 nm MQW (Multiple Quantum Well) Fabry-Perot laser diode, integrated with a monitor diode.
The hermatically sealed package includes a ball lens for improved coupling efficiency.

Features
• Uncooled 1300 nm Fabry-Perot Laser Diode
• Wide operating temperature range -40°C to +85°C
• High reliability
• Built-in monitor diode
• 2.5 Gbps
• Ball lens or receptable type of packaging

Applications
• Telecommunications applications, SONET OC-48, SDH STM-16
• Optical communications systems




Similar Part No. - ZL60402

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL60401 ZARLINK-ZL60401 Datasheet
308Kb / 9P
   622 Mbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
ZL60401TBD ZARLINK-ZL60401TBD Datasheet
308Kb / 9P
   622 Mbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
ZL60401TDD ZARLINK-ZL60401TDD Datasheet
308Kb / 9P
   622 Mbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
ZL60401TED ZARLINK-ZL60401TED Datasheet
308Kb / 9P
   622 Mbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
ZL60401TFD ZARLINK-ZL60401TFD Datasheet
308Kb / 9P
   622 Mbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
More results


Similar Description - ZL60402

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL60404 ZARLINK-ZL60404 Datasheet
315Kb / 9P
   1.25 Gbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
ZL60401 ZARLINK-ZL60401 Datasheet
308Kb / 9P
   622 Mbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
logo
Emcore Corporation
G1033-201 EMCORE-G1033-201 Datasheet
423Kb / 3P
   10G 1310 nm Fabry-Perot Laser Chip
logo
Finisar Corporation.
FP-1310-5I-XXX FINISAR-FP-1310-5I-XXX Datasheet
377Kb / 7P
   1310 NM FABRY-PEROT LASER DIODE PIGTAILED PACKAGE
logo
JDS Uniphase Corporatio...
21065427 JDSU-21065427 Datasheet
86Kb / 4P
   Uncooled 1310 nm Fabry-Perot (FP) Source Laser in LC Transmitter Optical Sub-assembly (TOSA)
logo
Optoway Technology Inc
DL-5300S-1490 OPTOWAY-DL-5300S-1490 Datasheet
90Kb / 2P
   1490 nm DFB LASER DIODE MODULE 2.5 Gbps UNCOOLED MQW DFB LD WITH PIGTAIL
logo
Source Photonics, Inc.
C-13-DFB2.5-TD-SFCL SOURCE-C-13-DFB2.5-TD-SFCL Datasheet
1Mb / 7P
   1310 nm 2.5 MQW-DFB Laser Diode Module
logo
Agilent(Hewlett-Packard...
81663A HP-81663A Datasheet
181Kb / 5P
   DFB Laser Fabry-Perot Lasers
logo
Optoway Technology Inc
DL-5500S-1650 OPTOWAY-DL-5500S-1650 Datasheet
111Kb / 2P
   1650 nm DFB LASER DIODE MODULES 2.5 Gbps UNCOOLED MQW DFB LD WITH RECEPTACLE
FL-3300 OPTOWAY-FL-3300_09 Datasheet
128Kb / 4P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com