|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
UA78S40 - UNIVERSAL SWITCHING REGULATOR SUBSYSTEM - ON Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LM78S40 | Universal Switching Regulator Subsystem | 1 2 3 4 5 More | National Semiconductor |
| UPC1100 | DUAL SWITCHING REGULATOR CONTROL CIRCUIT | 1 2 3 4 5 More | NEC |
| NJM2352 | LOW POWER SWITCHING REGULATOR | 1 2 3 4 5 More | New Japan Radio |
| LM1578A | Switching Regulator | 1 2 3 4 5 More | National Semiconductor |
| NTE1894 | Integrated Circuit Hybrid Switching Voltage Regulator | 1 | NTE Electronics |
| NTE2582 | Silicon NPN Transistor High Speed Switching Regulator | 1 2 | NTE Electronics |
| LM2575 | 1.0 A Adjustable Output Voltage Step-Down Switching Regulator | 1 2 3 4 5 More | ON Semiconductor |
| MC33363 | HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR | 1 2 3 4 5 More | ON Semiconductor |
| L4978 | 2A STEP DOWN SWITCHING REGULATOR | 1 2 3 4 5 More | STMicroelectronics |
| 78HT300 | 3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR | 1 2 3 | Texas Instruments |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|