|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
1N5349B - Zener silicon diodes - Semikron International |
|
Click 1N5349B to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| MMSZ5221B | SURFACE MOUNT SILICON ZENER DIODES | Pan Jit International Inc. |
| ZMM1 | 0.5W SILICON PLANAR ZENER DIODES | Shanghai Lunsure Electronic Tech |
| 1N5913A | SILICON ZENER DIODES | EIC discrete Semiconductors |
| SZ553J | SURFACE MOUNT SILICON ZENER DIODES | EIC discrete Semiconductors |
| ZMM5225 | SILICON PLANAR ZENER DIODES | GOOD-ARK Electronics |
| 1N3016B | Silicon 1 WATT Zener Diodes | Microsemi Corporation |
| 1N5985 | SILICON 500 mW ZENER DIODES | Microsemi Corporation |
| SMBG5913 | SILICON 1.5 WATT ZENER DIODES SURFACE MOUNT | Microsemi Corporation |
| 1CZ47 | SILICON PLANAR ZENER DIODES | Continental Device India Limited |
| ZY75 | SILICON GLASS PASSIVATED 2.0 WATT ZENER DIODES | Continental Device India Limited |
Link URL |
|
|
Related keyword |
| 1N5349B Datasheet | 1N5349B Cross Reference | 1N5349B Schematic | 1N5349B Distributor | 1N5349B Datenblatt | 1N5349B RoHS |
| 1N5349B Equivalent | 1N5349B Application Notes | 1N5349B Data Sheet | 1N5349B component | 1N5349B Fiche Technique | 1N5349B Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2009 |
| |