|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CXD1944R - IEEE1394 3-port 200Mbps Cable Transceiver/Arbiter - Sony Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SBPH400-3 | IEEE1394 3-Port 400Mbps Physical Layer | 1 2 3 4 5 More | STMicroelectronics |
| ST1394 | IEEE1394 ONE PORT CABLE TERMINATION NETWORK WITH ESD PROTECTION DIODES | 1 2 3 4 5 More | STMicroelectronics |
| PI3V314 | Low On-Resistance 3.3V High-Bandwidth 3-Port 4:1 Mux/DeMux VideoSwitch | 1 2 3 4 5 More | Pericom Semiconductor Corporation |
| MC10EP89 | Coaxial Cable Driver | 1 2 3 4 5 More | ON Semiconductor |
| TSB41LV04A | IEEE 1394a FOUR-PORT CABLE TRANSCEIVER/ARBITER | 1 2 3 4 5 More | Texas Instruments |
| 600VOLTSAC | Cable Limiters | 1 | Littelfuse |
| DF25L-20P-0.5H | 0.5 mm Contact Pitch Board-to-FPC Board-to-Fine Coaxial Ribbon Cable | 1 2 3 4 5 More | Hirose Electric |
| HIF6R-040SD-AA-L | 1.27 Pitch Coaxial Ribbon Cable Connector | 1 2 3 4 | Hirose Electric |
| GS1508 | HDTV Cable Driver | 1 2 3 4 5 More | Gennum Corporation |
| GS9004C | Serial Digital Cable Equalizer | 1 2 3 4 5 | Gennum Corporation |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 |
Link URL |
|
|