Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXSN62N60U1 Datasheet (PDF) - IXYS Corporation

IXSN62N60U1 Datasheet PDF - IXYS Corporation
Part # IXSN62N60U1
Download  IXSN62N60U1 Download

File Size   68.97 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description IGBT with Diode - Short Circuit SOA Capability

IXSN62N60U1 Datasheet (PDF)

Go To PDF Page Download Datasheet
IXSN62N60U1 Datasheet PDF - IXYS Corporation

Part # IXSN62N60U1
Download  IXSN62N60U1 Click to download

File Size   68.97 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description IGBT with Diode - Short Circuit SOA Capability

IXSN62N60U1 Datasheet (HTML) - IXYS Corporation

IXSN62N60U1 Datasheet HTML 1Page - IXYS Corporation IXSN62N60U1 Datasheet HTML 2Page - IXYS Corporation

IXSN62N60U1 Product details

Short Circuit SOA Capability

Features
• International standard package
   miniBLOC (ISOTOP) compatible
• Aluminium-nitride isolation
   - high power dissipation
• Isolation voltage 3000 V~
• Low VCE(sat)
   - for minimum on-state conduction
      losses
• Fast RecoveryEpitaxial Diode
   - short trr and IRM
• Low collector-to-case capacitance
   (< 50 pF)
   - reducesd RFI
• Low package inductance (< 10 nH)
   - easy to drive and to protect

Applications
• AC motor speed control
• DC servo and robot drives
• DC choppers
• Uninterruptible power supplies (UPS)
• Switch-mode and resonant-mode
   power supplies

Advantages
• Space savings
• Easy to mount with 2 screws
• High power density




Similar Part No. - IXSN62N60U1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXSN35N100U1 IXYS-IXSN35N100U1 Datasheet
80Kb / 6P
   IGBT with Diode - High Short Circuit SOA Capability
IXSN35N120AU1 IXYS-IXSN35N120AU1 Datasheet
99Kb / 4P
   High Voltage IGBT with Diode
IXSN50N60BD2 IXYS-IXSN50N60BD2 Datasheet
140Kb / 5P
   Short Circuit SOA Capability Buck & boost configurations
IXSN50N60BD3 IXYS-IXSN50N60BD3 Datasheet
140Kb / 5P
   Short Circuit SOA Capability Buck & boost configurations
IXSN52N60AU1 IXYS-IXSN52N60AU1 Datasheet
148Kb / 5P
   IGBT with Diode Combi Pack - Short Circuit SOA Capability
More results


Similar Description - IXSN62N60U1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXSN80N60BD1 IXYS-IXSN80N60BD1 Datasheet
594Kb / 6P
   IGBT with Diode Short Circuit SOA Capability
IXSN80N60AU1 IXYS-IXSN80N60AU1 Datasheet
96Kb / 4P
   IGBT with Diode - Short Circuit SOA Capability
IXSN35N100U1 IXYS-IXSN35N100U1 Datasheet
80Kb / 6P
   IGBT with Diode - High Short Circuit SOA Capability
IXSN55N120AU1 IXYS-IXSN55N120AU1 Datasheet
70Kb / 2P
   High Voltage IGBT with Diode - Short Circuit SOA Capability
IXDN50N120AU1 IXYS-IXDN50N120AU1 Datasheet
141Kb / 2P
   High Voltage IGBT with Diode(Short Circuit SOA Capability)
IXSX50N60AU1 IXYS-IXSX50N60AU1 Datasheet
138Kb / 5P
   IGBT with Diode Combi Pack - Short Circuit SOA Capability
IXSK40N60BD1 IXYS-IXSK40N60BD1 Datasheet
50Kb / 2P
   IGBT with Diode PLUS247TM package Short Circuit SOA Capability
IXSH10N60B2D1 IXYS-IXSH10N60B2D1 Datasheet
517Kb / 6P
   High Speed IGBT with Diode Short Circuit SOA Capability
IXSN52N60AU1 IXYS-IXSN52N60AU1 Datasheet
148Kb / 5P
   IGBT with Diode Combi Pack - Short Circuit SOA Capability
logo
Powersem GmbH
PSHI50D12 POWERSEM-PSHI50D12 Datasheet
132Kb / 4P
   IGBT Module Short Circuit SOA Capability
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com