![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
| Shortcut : IXGK60N60(4) |
|
Click Here View IXGK60N60 Datasheet |
|
||||||||||||||||||||||||||
| Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| CMXT7090L | SURFACE MOUNT LOW VCE SAT PNP POWER TRANSISTOR | Central Semiconductor Corp |
| IXGH41N60 | Ultra-Low VCE sat IGBT | IXYS Corporation |
| IXGH31N60 | Ultra-Low VCE sat IGBT | IXYS Corporation |
| DTD723YE | 200mA / 30V Low VCE sat Digital transistors with built-in resistors | Rohm |
| IXGH31N60U1 | Ultra-Low VCE sat IGBT with Diode | IXYS Corporation |
| IXGN60N60 | Ultra-Low VCE sat IGBT | IXYS Corporation |
| IXGH38N60 | Ultra-Low VCE sat IGBT | IXYS Corporation |
| CMLM0405 | MULTI DISCRETE MODULE¢â SURFACE MOUNT LOW VCE SAT SILICON NPN TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE | Central Semiconductor Corp |
| IXGH38N60U1 | Ultra-Low VCE sat IGBT with Diode | IXYS Corporation |
| CMLM0605 | MULTI DISCRETE MODULE¢â SURFACE MOUNT LOW VCE SAT SILICON PNP TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE | Central Semiconductor Corp |
| Related keyword |
| IXGK60N60 Datasheet | IXGK60N60 Cross Reference | IXGK60N60 Schematic | IXGK60N60 Distributor | IXGK60N60 Datenblatt | IXGK60N60 RoHS |
| IXGK60N60 Equivalent | IXGK60N60 Application Notes | IXGK60N60 Data Sheet | IXGK60N60 component | IXGK60N60 Fiche Technique | IXGK60N60 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |