|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
IXGH60N60 - Ultra-Low VCE(sat) IGBT - IXYS Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CMXT7090L | SURFACE MOUNT LOW VCE SAT PNP POWER TRANSISTOR | 1 2 | Central Semiconductor Corp |
| IXGH41N60 | Ultra-Low VCE sat IGBT | 1 2 | IXYS Corporation |
| IXGH31N60 | Ultra-Low VCE sat IGBT | 1 2 | IXYS Corporation |
| DTD723YE | 200mA / 30V Low VCE sat Digital transistors with built-in resistors | 1 2 | Rohm |
| IXGH31N60U1 | Ultra-Low VCE sat IGBT with Diode | 1 2 | IXYS Corporation |
| IXGN60N60 | Ultra-Low VCE sat IGBT | 1 2 | IXYS Corporation |
| IXGH38N60 | Ultra-Low VCE sat IGBT | 1 2 | IXYS Corporation |
| CMLM0405 | MULTI DISCRETE MODULE⢠SURFACE MOUNT LOW VCE SAT SILICON NPN TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE | 1 2 | Central Semiconductor Corp |
| IXGH38N60U1 | Ultra-Low VCE sat IGBT with Diode | 1 2 | IXYS Corporation |
| CMLM0605 | MULTI DISCRETE MODULE⢠SURFACE MOUNT LOW VCE SAT SILICON PNP TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE | 1 2 | Central Semiconductor Corp |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|