|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
IXGH32N60C - HiPerFAST IGBT Lightspeed Series - IXYS Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| IXGH24N60C | HiPerFAST IGBT Lightspeed Series | 1 2 | IXYS Corporation |
| IXGH24N60CD1 | HiPerFAST IGBT with Diode Lightspeed Series | 1 2 3 4 5 | IXYS Corporation |
| IXGA24N60C | HiPerFAST IGBT Lightspeed Series | 1 2 | IXYS Corporation |
| IXGH35N120 | IGBT Lightspeed Series | 1 2 | IXYS Corporation |
| IXGH15N120C | IGBT Lightspeed Series | 1 2 | IXYS Corporation |
| IXGH22N50BU1 | HiPerFAST IGBT with Diode | 1 2 | IXYS Corporation |
| IXGH50N60B | HiPerFAST IGBT | 1 2 3 4 | IXYS Corporation |
| IXGK50N60C2D1 | HiPerFAST IGBT with Diode | 1 2 3 4 5 More | IXYS Corporation |
| FGH30N6S2 | 600V SMPS II Series N-Channel IGBT | 1 2 3 4 5 More | Fairchild Semiconductor |
| HGTD1N120BNS | 5.3A 1200V NPT Series N-Channel IGBT | 1 2 3 4 5 More | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|