|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
IXGH31N60 - Ultra-Low VCE(sat) IGBT - IXYS Corporation |
|
Click IXGH31N60 to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| CMXT7090L | SURFACE MOUNT LOW VCE SAT PNP POWER TRANSISTOR | Central Semiconductor Corp |
| IXGH41N60 | Ultra-Low VCE sat IGBT | IXYS Corporation |
| IXGH31N60U1 | Ultra-Low VCE sat IGBT with Diode | IXYS Corporation |
| DTD723YE | 200mA / 30V Low VCE sat Digital transistors with built-in resistors | Rohm |
| IXGN60N60 | Ultra-Low VCE sat IGBT | IXYS Corporation |
| IXGH38N60 | Ultra-Low VCE sat IGBT | IXYS Corporation |
| IXGH38N60U1 | Ultra-Low VCE sat IGBT with Diode | IXYS Corporation |
| CMLM0405 | MULTI DISCRETE MODULE¢â SURFACE MOUNT LOW VCE SAT SILICON NPN TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE | Central Semiconductor Corp |
| CMLM0605 | MULTI DISCRETE MODULE¢â SURFACE MOUNT LOW VCE SAT SILICON PNP TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE | Central Semiconductor Corp |
| CMLM3405 | MULTI DISCRETE MODULE¢â SURFACE MOUNT HIGH CURRENT LOW VCE SAT SILICON NPN TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE | Central Semiconductor Corp |
Link URL |
|
|
Related keyword |
| IXGH31N60 Datasheet | IXGH31N60 Cross Reference | IXGH31N60 Schematic | IXGH31N60 Distributor | IXGH31N60 Datenblatt | IXGH31N60 RoHS |
| IXGH31N60 Equivalent | IXGH31N60 Application Notes | IXGH31N60 Data Sheet | IXGH31N60 component | IXGH31N60 Fiche Technique | IXGH31N60 Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2009 |
| |