|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
28054-1 - CAPACITOR, X7R .01uF -10%, 500V - Vicor Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 04820 | CAPACITOR X7R 470pF +-10% 500V | 1 | Vicor Corporation |
| 04872 | CAPACITOR X7R .01uF +-20% 500V | Coming Soon | Vicor Corporation |
| 06852 | CAPACITOR 250V 0.61 uF +-10% | 1 | Vicor Corporation |
| STB6NB50 | N - CHANNEL 500V - 1.35ohm - 5.8A - D2PAK/I2PAK PowerMESH MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| STP10NC50 | N - CHANNEL 500V - 0.48ohm - 10A - TO-220/TO-220FP PowerMESH MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| STU13NC50 | N-CHANNEL 500V - 0.31ohm - 13A Max220 PowerMeshâ¢II MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| STP12NM50 | N-CHANNEL 500V - 0.3W - 12A TO-220/TO-220FP/I PAK MDmesh]Power MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| FQAF16N50 | 500V N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FQD4N50 | 500V N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FQPF1P50 | 500V P-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
Datasheet Page |
1 |
Link URL |
|
|