|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
24253 - CAP, SOLID TANTALUM, 120 uF-20%, 20V - Vicor Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 24252 | CAP SOLID TANTALUM 270 uF+- 20% 10V | 1 | Vicor Corporation |
| 24254 | CAP SOLID TANTALUM 68 uF +-20% 30V | 1 | Vicor Corporation |
| 24255 | CAP SOLID TANTALUM 27 uF +-20% 50V | 1 | Vicor Corporation |
| ETPW | Resin-Coated Radial-Leaded Solid Tantalum Capacitors | 1 2 3 4 5 More | Vishay Siliconix |
| 293D | Solid Tantalum Chip Capacitors TANTAMOUNT Commercial Surface Mount | 1 2 3 4 5 More | Vishay Siliconix |
| CWR06 | Solid Tantalum Chip Capacitors MIDGET Military MIL-PRF-55365/4 Qualified | 1 2 3 4 5 More | Vishay Siliconix |
| 194D | Solid Tantalum Chip Capacitors MIDGET Conformal Coated | 1 2 3 4 5 More | Vishay Siliconix |
| CX06 | Subminiature Leaded Solid Tantalum Capacitors | 1 2 3 | Vishay Siliconix |
| 489D | Resin-Coated Radial-Lead Solid Tantalum Capacitors | 1 2 3 4 5 More | Vishay Siliconix |
| 4305H | Solid State LED Lamps-Ultra Brite 120 mcd T-1 3/4 5mm | 1 | Chicago Miniature Lamp,inc |
Datasheet Page |
1 |
Link URL |
|
|