|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
05298-E - INDUCTOR ASSY, OUTPUT, .2 uH - Vicor Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 14123 | INDUCTOR ASSY OUTPUT 1.8 uH | 1 | Vicor Corporation |
| TPS61140 | DUAL OUTPUT BOOST REGULATOR USING SINGLE INDUCTOR | 1 2 3 4 5 More | Texas Instruments |
| MAX1992 | Quick-PWM Step-Down Controllers with Inductor Saturation Protection and Dynamic Output Voltages | 1 2 3 4 5 More | Maxim Integrated Products |
| ILD1615 | Optocoupler Phototransistor Output Dual Quad Channel 110 C Rated | 1 2 3 4 5 More | Vishay Siliconix |
| EIN15 | E-Series RF Inductor 50 MHz | 1 2 | Tyco Electronics |
| LP2985LV | 150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN FOR OUTPUT VOLTAGES<2.3V | 1 2 3 4 5 More | Texas Instruments |
| IHSM5832 | High Current Surface Mount Inductor | 1 | Vishay Siliconix |
| RY-1205D | ECONOLINE - DC/DC-Converter 1 Watt DIP14/SIP7 Regulated Dual Output | 1 2 | Recom International Power |
| MOS6020 | SMT Power Inductor | 1 2 | List of Unclassifed Manufacturers |
| DAC124S085 | 12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output | 1 2 3 4 5 More | National Semiconductor |
Datasheet Page |
1 |
Link URL |
|
|