|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
04820-1 - CAPACITOR, X7R 470pF -10%, 500V - Vicor Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 28054 | CAPACITOR X7R .01uF +-10% 500V | 1 | Vicor Corporation |
| 04872 | CAPACITOR X7R .01uF +-20% 500V | Coming Soon | Vicor Corporation |
| 06852 | CAPACITOR 250V 0.61 uF +-10% | 1 | Vicor Corporation |
| STB8NC50 | N-CHANNEL 500V - 0.7ohm - 8A D2PAK PowerMeshâ¢II MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| STP11NK50Z | N-CHANNEL 500V - 0.48ohm - 10A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESHâ¢Power MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| STU16NB50 | N-CHANNEL 500V - 0.28ohm - 15.6A-Max220 PowerMESH MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| 2SK2715 | Switching 500V 2A | 1 2 3 4 | Rohm |
| FQAF9N50 | 500V N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FQD5N50 | 500V N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FQPF2N50 | 500V N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
Datasheet Page |
1 |
Link URL |
|
|