|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
01828 - 0108 P.C. PIN SOCKET - Vicor Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 01827 | 0.040 P.C. PIN SOCKET | 1 | Vicor Corporation |
| SK4104L | 8 Pin Midget Socket for Din Rail or Panel Mount | 1 | Picker Components |
| MACH210 | 44 pin QFP socket/28 pin DIP 0.6â plug | 1 | List of Unclassifed Manufacturers |
| SK4104Z-F | 8 Pin Miniature Socket for Din Rail or Panel Mount | 1 | Picker Components |
| SK4104 | 14 Pin Miniature Socket for Din Rail or Panel Mount | 1 | Picker Components |
| DSG9500-000 | Planar Beam Lead PIN Diode | 1 2 3 4 5 | Skyworks Solutions Inc. |
| NTE555A | Silicon Pin Diode VHF Band Switch | 1 | NTE Electronics |
| 74ABT2245 | Octal transceiver with direction pin with 30ohm series termination resistors 3-State | 1 2 3 4 5 More | NXP Semiconductors |
| 87C752 | 80C51 8-bit microcontroller family 2K/64 OTP/ROM 5 channel 8 bit A/D I2C PWM low pin count | 1 2 3 4 5 More | NXP Semiconductors |
| BAP64-04 | Silicon PIN diode | 1 2 3 4 5 More | NXP Semiconductors |
Datasheet Page |
1 |
Link URL |
|
|