|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
01827 - 0.040 P.C. PIN SOCKET - Vicor Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 01828 | 0108 P.C. PIN SOCKET | 1 | Vicor Corporation |
| MACH210 | 44 pin QFP socket/28 pin DIP 0.6â plug | 1 | List of Unclassifed Manufacturers |
| SK4104Z-F | 8 Pin Miniature Socket for Din Rail or Panel Mount | 1 | Picker Components |
| SK4104 | 14 Pin Miniature Socket for Din Rail or Panel Mount | 1 | Picker Components |
| SK4104L | 8 Pin Midget Socket for Din Rail or Panel Mount | 1 | Picker Components |
| BUZ11 | 30A 50V 0.040 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| HSMP-3890 | Surface Mount RF PIN Switch Diodes | 1 2 3 4 5 More | Agilent(Hewlett-Packard) |
| PNA3602L | PIN Photodiode | 1 2 | Panasonic Semiconductor |
| 74ALVCH162245 | 16-bit bus transceiver with direction pin and 30ohm termination resistor 3-State | 1 2 3 4 5 More | NXP Semiconductors |
| 87LPC768 | Low power low price low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D and Pulse Width Modulator | 1 2 3 4 5 More | NXP Semiconductors |
Datasheet Page |
1 |
Link URL |
|
|