Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD10226AB Datasheet (PDF) - Analog Devices

AD10226AB Datasheet PDF - Analog Devices
Part # AD10226AB
Download  AD10226AB Download

File Size   976.68 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual-Channel, 12-Bit 125 MSPS IF Sampling A/D Converter

AD10226AB Datasheet (PDF)

Go To PDF Page Download Datasheet
AD10226AB Datasheet PDF - Analog Devices

Part # AD10226AB
Download  AD10226AB Click to download

File Size   976.68 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual-Channel, 12-Bit 125 MSPS IF Sampling A/D Converter

AD10226AB Datasheet (HTML) - Analog Devices

Back Button AD10226AB Datasheet HTML 1Page - Analog Devices AD10226AB Datasheet HTML 2Page - Analog Devices AD10226AB Datasheet HTML 3Page - Analog Devices AD10226AB Datasheet HTML 4Page - Analog Devices AD10226AB Datasheet HTML 5Page - Analog Devices AD10226AB Datasheet HTML 6Page - Analog Devices AD10226AB Datasheet HTML 7Page - Analog Devices AD10226AB Datasheet HTML 8Page - Analog Devices AD10226AB Datasheet HTML 9Page - Analog Devices AD10226AB Datasheet HTML 10Page - Analog Devices Next Button 

AD10226AB Product details

PRODUCT DESCRIPTION
The AD10226 offers two complete ADC channels with on-module signal conditioning for improved dynamic performance. Each wide dynamic range ADC has a transformer coupled front end optimized for direct-IF sampling. The AD10226 has on-chip track-and-hold circuitry and utilizes an innovative architecture to achieve 12-bit, 125 MSPS performance. The AD10226 uses innovative high density circuit design to achieve exceptional performance, while still maintaining excellent isolation and providing for board area savings.

FEATURES
    Two Independent 12-Bit, 125 MSPS ADCs
    Channel-to-Channel Isolation, > 80 dB
    AC-Coupled Signal Conditioning Included
    Gain Flatness up to Nyquist, < 0.1 dB
    Input VSWR 1.1:1 to Nyquist
    80 dB Spurious-Free Dynamic Range
    Two’s Complement Output Format
    3.3 V or 5 V CMOS-Compatible Output Levels
    1.5 W Per Channel
    Single-Ended or Differential Input
    350 MHz Input Bandwidth

APPLICATIONS
    Wireless and Wired Broadband Communications
    Base Stations and “Zero-IF” or Direct IF Sampling Subsystems
    Wireless Local Loop (WLL)
    Local Multipoint Distribution Service (LMDS)
    Radar and Satellite Subsystems




Similar Part No. - AD10226AB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD10226PCB AD-AD10226PCB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD10226 AD-AD10226_15 Datasheet
984Kb / 20P
   Dual-Channel, 12-Bit 125 MSPS
REV. 0
More results


Similar Description - AD10226AB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9433 AD-AD9433 Datasheet
1,001Kb / 24P
   12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
REV. 0
AD10201 AD-AD10201_15 Datasheet
914Kb / 20P
   Dual-Channel, 12-Bit 105 MSPS IF Sampling A/D Converter
REV. 0
AD6640 AD-AD6640_15 Datasheet
2Mb / 24P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
AD6640 AD-AD6640 Datasheet
488Kb / 24P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. 0
AD6640ASTZ AD-AD6640ASTZ Datasheet
920Kb / 24P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
logo
Texas Instruments
ADC12DL080 TI1-ADC12DL080_14 Datasheet
819Kb / 35P
[Old version datasheet]   Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
logo
National Semiconductor ...
ADC12DL080 NSC-ADC12DL080 Datasheet
1Mb / 24P
   Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
logo
Analog Devices
AD9433 AD-AD9433_15 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD10201 AD-AD10201 Datasheet
762Kb / 20P
   DUAL-CHANNEL, 12-BIT 105MSPS IF SAMPLING A/D CONVERTER
REV. 0
AD9433BSVZ-125 AD-AD9433BSVZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com