|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
H912 - 6.35mm Base Lampholders - Gilway Technical Lamp |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| H9971 | 9.5mm Base Lampholders | 1 | Gilway Technical Lamp |
| H943 | R7 Base Lampholders | 1 | Gilway Technical Lamp |
| H989 | 5.3mm Base Lampholders | 1 2 | Gilway Technical Lamp |
| H9941 | 4mm Base Lampholders | 1 2 | Gilway Technical Lamp |
| KS031KA0 | Base Drive Transistor Module 5 Amperes/1000 Volts | 1 2 | Powerex Power Semiconductors |
| CNY17 | Optocoupler Phototransistor Output With Base Connection | 1 2 3 4 5 More | Vishay Siliconix |
| BDS18 | SILICON PNP EPITAXIAL BASE IN TO220 METAL AND SMD1 CERAMIC SURFACE MOUNT PACKAGES | 1 2 3 | Seme LAB |
| BUL54B | ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR | 1 2 | Seme LAB |
| BUL66A | ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR | 1 2 | Seme LAB |
| BSM100GB170DN2 | IGBT Power Module Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate | 1 2 3 4 5 More | Siemens Semiconductor Group |
Datasheet Page |
1 2 3 |
Link URL |
|
|