|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
GHB-0402-O - 1.0x0.5mm SMD CHIP LED LAMP - Gilway Technical Lamp |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| XZMD68W-1 | 1.0x0.5mm SMD CHIP LED LAMP | 1 2 3 | List of Unclassifed Manufacturers |
| GHB-0402-R | 1.0x0.5mm SMD CHIP LED LAMP | 1 2 3 4 | Gilway Technical Lamp |
| GHB-0402-Y | 1.0x0.5mm SMD CHIP LED LAMP | 1 2 3 4 | Gilway Technical Lamp |
| GHB-0402-YG | 1.0x0.5mm SMD CHIP LED LAMP | 1 2 3 4 | Gilway Technical Lamp |
| AP2012SYCK | 2.0x1.25mm SMD CHIP LED LAMP | 1 2 3 4 | Kingbright Corporation |
| APTR3216SGC | 3.2x1.6mm SMD CHIP LED LAMP | 1 2 3 4 | Kingbright Corporation |
| GHB-0603-R | 1.6x0.8mm SMD CHIP LED LAMP | 1 2 3 4 | Gilway Technical Lamp |
| GHB-1104R-YG | 3.0x1.0mm SMD CHIP LED LAMP | 1 2 3 4 | Gilway Technical Lamp |
| GHB-1206-YG | 3.2x1.6mm SMD CHIP LED LAMP | 1 2 3 4 | Gilway Technical Lamp |
| KPT-3216SRC-PRV | 3.2mm X 1.6mm SMD CHIP LED LAMP | 1 2 3 4 | Kingbright Corporation |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|