Datasheet Search System

Mirror site :  alldatasheet.net,   alldatasheet.co.kr   cn.alldatasheet.com
Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information
Part Name    
    Description 

Shortcut

        GHB-3M30-B(2)    GHB-3M30-G(2)

Datasheet

    GHB-3M30-G - The blue GHB-3M30-B and GHB-, 5M30-B and green GHB-3M30-G LEDs are designed in an industry standard T-1 3/4 and T-1 packages with clear and nondiffuse - Gilway Technical Lamp

Click Here View GHB-3M30-G Datasheet

Part No.GHB-3M30-G
Description The blue GHB-3M30-B and GHB-, 5M30-B and green GHB-3M30-G LEDs are designed in an industry standard T-1 3/4 and T-1 packages with clear and nondiffuse
Download GHB-3M30-G Click here to View
File Size 124.79 Kbytes / 3 Pages
Maker GILWAY [Gilway Technical Lamp]
Homepage http://www.gilway.com

Related Electronics Part Number

Part NumberComponents DescriptionManufacturer
W934GD5VTHE GREEN SOURCE COLOR DEVICES ARE MADE WITH GALLIUM PHOSPHIDE GREEN LIGHT EMITTING DIODE Kingbright Corporation
GHB-PLCC-CW2This family of SMT LEDs is packaged in the industry standard PLCC-2 package. Gilway Technical Lamp
CD4012BMTThe CD4011B CD4012B and CD4023B types are supplied in 14-lead hermetic dual-in-line ceramic packages Texas Instruments
CA04-41GWAThe Green source color devices are made with Gallium Phosphide Green Light Emitting Diode. Kingbright Corporation
E480T-1 and T-1 3/4 Ultra Bright Blue LEDs Gilway Technical Lamp
APHK1608VGCThe Green source color devices are made with InGaN on SiC Light Emitting Diode. Kingbright Corporation
LP2992Micropower 250 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and LLP Packages Designed for Use with Very Low ESR Output Capacitors National Semiconductor
KPT-1608PBCThe Blue source Color Devices are made with InGaN on SiCLight Emitting Diode Kingbright Corporation
CCM01-2064Available with 8 contacts which are designed to give a consistently reliable normal force over the life of the connector. ITT Industries
L-53CGCKThe Green source color devices are made with InGaAlP on GaAs substrate Light Emitting Diode Kingbright Corporation

Link URL

Related keyword

  GHB-3M30-G Datasheet   GHB-3M30-G Cross Reference   GHB-3M30-G Schematic   GHB-3M30-G Distributor   GHB-3M30-G Datenblatt   GHB-3M30-G RoHS
  GHB-3M30-G Equivalent   GHB-3M30-G Application Notes   GHB-3M30-G Data Sheet   GHB-3M30-G component   GHB-3M30-G Fiche Technique   GHB-3M30-G Circuit

Does ALLDATASHEET.COM help your business so far?   

All Rights Reserved© Alldatasheet.com 2003 - 2008   Contact us  Privacy Policy  Bookmark   Link Exchange  Site link  Manufacturer