|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TSM2321CX - -20V P-Channel Enhancement Mode MOSFET - Taiwan Semiconductor Company, Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ZXM62P03E6 | 30V P-CHANNEL ENHANCEMENT MODE MOSFET | 1 2 3 4 5 More | Zetex Semiconductors |
| ZXMD63P03X | DUAL 30V P-CHANNEL ENHANCEMENT MODE MOSFET | 1 2 3 4 5 More | Zetex Semiconductors |
| APM9435 | P-Channel Enhancement Mode MOSFET | 1 2 3 4 5 More | Anpec Electronics Coropration |
| AP20P02GH | P-CHANNEL ENHANCEMENT MODE POWER MOSFET | 1 2 3 4 5 More | Advanced Power Electronics Corp. |
| AP2851GO | N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET | 1 2 3 4 5 More | Advanced Power Electronics Corp. |
| AP4407GR | P-CHANNEL ENHANCEMENT MODE POWER MOSFET | 1 2 3 4 | Advanced Power Electronics Corp. |
| AP4511GH | N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET | 1 2 3 4 5 More | Advanced Power Electronics Corp. |
| AP4578GH | N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET | 1 2 3 4 5 More | Advanced Power Electronics Corp. |
| AP6679GI | P-CHANNEL ENHANCEMENT MODE POWER MOSFET | 1 2 3 4 | Advanced Power Electronics Corp. |
| APM1401S | P-Channel Enhancement Mode MOSFET | 1 2 3 4 5 More | Anpec Electronics Coropration |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|