|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FPD1050 - 0.75W POWER PHEMT - Filtronic Compound Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HMC442LM1 | GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER 17.5 - 24 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| FPD4000AS | 2.5W PACKAGED POWER PHEMT | 1 2 3 | Filtronic Compound Semiconductors |
| HMC489LP5 | SURFACE MOUNT PHEMT 1 WATT POWER AMPLIFIER 12 - 16 GHz | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| CFS0303-SB | 0.1-10.0 GHz Low Noise Medium Power pHEMT in a Surface Mount Plastic Package | 1 2 3 4 5 More | Mimix Broadband |
| LP6836 | MEDIUM POWER PHEMT | 1 2 | Filtronic Compound Semiconductors |
| HMC459 | GaAs PHEMT MMIC POWER AMPLIFIER DC - 18.0 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| TC3889 | 5W Packaged Self-Bias PHEMT GaAs Power FETs | 1 | List of Unclassifed Manufacturers |
| FPD750 | 0.5W POWER PHEMT | 1 2 | Filtronic Compound Semiconductors |
| FPD4000V | 4W POWER PHEMT | 1 2 3 | Filtronic Compound Semiconductors |
| TGF2021-02 | DC - 12 GHz Discrete power pHEMT | 1 2 3 4 5 More | TriQuint Semiconductor |
Datasheet Page |
1 2 |
Link URL |
|
|