|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FMS2017QFN - 2.4GHz DPDT GaAs Single-Band WLAN Switch - Filtronic Compound Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FMS2017 | 2.4GHz DPDT GaAs Single-Band WLAN Switch | 1 2 3 4 5 | Filtronic Compound Semiconductors |
| MASWSS0184 | High Power GaAs DPDT Diversity Switch DC - 4.0 GHz | 1 2 3 4 5 | Tyco Electronics |
| MASWSS0190 | GaAs Broadband DPDT Diversity Switch 2.0 - 6.0 GHz | 1 2 3 4 | Tyco Electronics |
| MASW2040 | GaAs DPDT Switch DC - 2 GHz | 1 2 | Tyco Electronics |
| MASWSS0130 | GaAs Broadband DPDT Diversity Switch 0.5 - 3.0 GHz | 1 2 3 4 | Tyco Electronics |
| SW-289 | GaAs DPDT Switch DC - 2 GHz | 1 2 | Tyco Electronics |
| HMC393MS8G | GaAs MMIC DPDT DIVERSITY SWITCH 5.0 - 6.0 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| NJG1524APC1 | DPDT SWITCH GaAs MMIC | 1 2 3 4 5 More | New Japan Radio |
| HMC436MS8G | GaAs MMIC DPDT DIVERSITY SWITCH 4.9 - 5.9 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|