|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
4145 - POWER DIVIDERS FIVE-WAY, 2 TO 8 GHZ - Filtronic Compound Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 4003 | POWER DIVIDERS - THREE WAY 1 TO 18 GHZ | 1 2 | Filtronic Compound Semiconductors |
| 4004 | POWER DIVIDERS FOUR-WAY 1 TO 18 GHZ | 1 2 3 | Filtronic Compound Semiconductors |
| 4008 | POWER DIVIDERS EIGHT-WAY 2 TO 18 GHZ | 1 | Filtronic Compound Semiconductors |
| 2D-2000M-1 | 2 GHz Band Power Dividers/Combiners | 1 2 3 4 5 More | Hirose Electric |
| D418M | IN-PHASE 4-WAY DIVIDERS/COMBINERS POWER SMA/TYPE N 0.5-18 GHz | 1 2 3 4 5 | List of Unclassifed Manufacturers |
| 4A4305 | Power Dividers | 1 2 | List of Unclassifed Manufacturers |
| MA1065-1 | For 1.9 GHz - High Power Amplifier | 1 | Mitsubishi Electric Semiconductor |
| MRFIC2403 | 2.4 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT | 1 2 3 4 5 More | Motorola, Inc |
| LD7262 | 6 GHz 750 W CW CONDUCTION COOLING HIGH POWER GAIN | 1 2 3 4 5 More | NEC |
| TGA8014 | 6 - 18 GHz Power Amplifier | 1 2 3 4 5 More | TriQuint Semiconductor |
Datasheet Page |
1 2 |
Link URL |
|
|