|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
4142 - POWER DIVDERS - TWO WAY, 1TO 18 GHZ - Filtronic Compound Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 4003 | POWER DIVIDERS - THREE WAY 1 TO 18 GHZ | 1 2 | Filtronic Compound Semiconductors |
| DS-318 | Plug-In Two Way Power Divider 5 - 500 MHz | 1 | Tyco Electronics |
| LD7249 | 14 GHz 350 W/400 W CW CONDUCTION COOLING HIGH POWER GAIN | 1 2 3 4 5 More | NEC |
| CLY10 | GaAs FET Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz | 1 2 3 4 5 More | Siemens Semiconductor Group |
| PD22-73 | Two-Way Power Splitter 2.1-2.3 GHz | 1 2 3 | Alpha Industries |
| PTB20170 | 30 Watts 1.8-2.0 GHz Cellular Radio RF Power Transistor | 1 2 3 4 5 | Ericsson |
| AT-42010 | Up to 6 GHz Medium Power Silicon Bipolar Transistor | 1 2 3 4 5 | Agilent(Hewlett-Packard) |
| MA08602FR | 1W Power Amplifier 14 - 14.5 GHz | 1 2 | Tyco Electronics |
| PH1214-8M | Radar Pulsed Power Transistor SW loops Pulse 10% Duty 1.2 - 1.4 GHz | 1 | Tyco Electronics |
| PH2731-20M | Radar Pulsed Power Transistor 2OW loops Pulse 10% Duty 2.7 - 3.1 GHz | 1 2 | Tyco Electronics |
Datasheet Page |
1 2 |
Link URL |
|
|