![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
4002 - POWER DIVDERS - TWO WAY, 1TO 18 GHZ - Filtronic Compound Semiconductors |
|
Click Here View 4002 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 4003 | POWER DIVIDERS - THREE WAY 1 TO 18 GHZ | Filtronic Compound Semiconductors |
| DS-318 | Plug-In Two Way Power Divider 5 - 500 MHz | Tyco Electronics |
| LD7249 | 14 GHz 350 W/400 W CW CONDUCTION COOLING HIGH POWER GAIN | NEC |
| CLY10 | GaAs FET Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz | Siemens Semiconductor Group |
| PD22-73 | Two-Way Power Splitter 2.1-2.3 GHz | Alpha Industries |
| PTB20170 | 30 Watts 1.8-2.0 GHz Cellular Radio RF Power Transistor | Ericsson |
| AT-42010 | Up to 6 GHz Medium Power Silicon Bipolar Transistor | Agilent(Hewlett-Packard) |
| MA08602FR | 1W Power Amplifier 14 - 14.5 GHz | Tyco Electronics |
| PH1214-8M | Radar Pulsed Power Transistor SW loops Pulse 10% Duty 1.2 - 1.4 GHz | Tyco Electronics |
| PH2731-20M | Radar Pulsed Power Transistor 2OW loops Pulse 10% Duty 2.7 - 3.1 GHz | Tyco Electronics |
Link URL |
|
|
Related keyword |
| 4002 Datasheet | 4002 Cross Reference | 4002 Schematic | 4002 Distributor | 4002 Datenblatt | 4002 RoHS |
| 4002 Equivalent | 4002 Application Notes | 4002 Data Sheet | 4002 component | 4002 Fiche Technique | 4002 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |