Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC78T05ABT Datasheet (PDF) - ON Semiconductor

MC78T05ABT Datasheet PDF - ON Semiconductor
Part # MC78T05ABT
Download  MC78T05ABT Download

File Size   162.63 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS

MC78T05ABT Datasheet (PDF)

Go To PDF Page Download Datasheet
MC78T05ABT Datasheet PDF - ON Semiconductor

Part # MC78T05ABT
Download  MC78T05ABT Click to download

File Size   162.63 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS

MC78T05ABT Datasheet (HTML) - ON Semiconductor

Back Button MC78T05ABT Datasheet HTML 1Page - ON Semiconductor MC78T05ABT Datasheet HTML 2Page - ON Semiconductor MC78T05ABT Datasheet HTML 3Page - ON Semiconductor MC78T05ABT Datasheet HTML 4Page - ON Semiconductor MC78T05ABT Datasheet HTML 5Page - ON Semiconductor MC78T05ABT Datasheet HTML 6Page - ON Semiconductor MC78T05ABT Datasheet HTML 7Page - ON Semiconductor MC78T05ABT Datasheet HTML 8Page - ON Semiconductor MC78T05ABT Datasheet HTML 9Page - ON Semiconductor MC78T05ABT Datasheet HTML 10Page - ON Semiconductor Next Button 

MC78T05ABT Product details

3.0 A Positive Voltage Regulators

This family of fixed voltage regulators are monolithic integrated circuits capable of driving loads in excess of 3.0 A. These three−terminal regulators employ internal current limiting, thermal shutdown, and safe−area compensation. Devices are available with improved specifications, including a 2% output voltage tolerance, on AC−suffix 5.0 V, 12 V and 15 V device types.
Although designed primarily as a fixed voltage regulator, these devices can be used with external components to obtain adjustable voltages and currents. This series of devices can be used with a series−pass transistor to supply up to 15 A at the nominal output voltage.

voltage.
• Output Current in Excess of 3.0 A
• Power Dissipation: 25 W
• No External Components Required
• Output Voltage Offered in 2% and 4% Tolerance*
• Thermal Regulation is Specified
• Internal Thermal Overload Protection
• Internal Short Circuit Current Limiting
• Output Transistor Safe−Area Compensation
• Pb−Free Packages are Available




Similar Part No. - MC78T05ABT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC78T05ABT MOTOROLA-MC78T05ABT Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC78T05ABT ONSEMI-MC78T05ABT Datasheet
112Kb / 12P
   3.0 A Positive Voltage Regulators
March, 2004 ??Rev. 4
More results


Similar Description - MC78T05ABT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC78T00 MOTOROLA-MC78T00 Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
MC7800 MOTOROLA-MC7800 Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MCT7800 MOTOROLA-MCT7800 Datasheet
224Kb / 12P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC7800 ONSEMI-MC7800 Datasheet
234Kb / 32P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
April, 2005 ??Rev. 14
LM340 ONSEMI-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
1996 Rev 1
logo
Motorola, Inc
MC78M00 MOTOROLA-MC78M00 Datasheet
189Kb / 12P
   THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
logo
Thinki Semiconductor Co...
78M05 THINKISEMI-78M05 Datasheet
345Kb / 7P
   1 Ampere Surface Mount Positive Three Terminal Voltage Regulators
logo
Texas Instruments
UA7812CKCSE3 TI-UA7812CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7805CKCSE3 TI1-UA7805CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com