|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ZS100 - 1WATT SURFACE MOUNT ZENER DIODE - Formosa MS |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ZM200X | 1WATT SURFACE MOUNT ZENER DIODE | 1 2 | Formosa MS |
| ZM200-X | 1WATT SURFACE MOUNT ZENER DIODE | 1 2 | Formosa MS |
| ZS100L | 1WATT SURFACE MOUNT ZENER DIODE | 1 2 | Formosa MS |
| ZS4728A | 1WATT SURFACE MOUNT ZENER DIODE | 1 2 | Formosa MS |
| ZTS200-X | 1WATT SURFACE MOUNT ZENER DIODE | 1 2 | Formosa MS |
| DDZX22D | SURFACE MOUNT PRECISION ZENER DIODE | 1 2 3 4 5 More | Diodes Incorporated |
| 1SMA4741 | SURFACE MOUNT SILICON ZENER DIODE | 1 2 3 4 5 | Transys Electronics |
| BZX84C2V4W | 200mW SURFACE MOUNT ZENER DIODE | 1 2 3 | Diodes Incorporated |
| MMBZ5221BT | 150mW SURFACE MOUNT ZENER DIODE | 1 2 3 | Diodes Incorporated |
| CMLZDA2V4 | SURFACE MOUNT DUAL COMMON ANODE SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS | 1 2 | Central Semiconductor Corp |
Datasheet Page |
1 2 |
Link URL |
|
|