Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHCT574AM Datasheet (PDF) - ON Semiconductor

MC74VHCT574AM Datasheet PDF - ON Semiconductor
Part # MC74VHCT574AM
Download  MC74VHCT574AM Download

File Size   169.57 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Octal D-Type Flip-Flop with 3-State Output

MC74VHCT574AM Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74VHCT574AM Datasheet PDF - ON Semiconductor

Part # MC74VHCT574AM
Download  MC74VHCT574AM Click to download

File Size   169.57 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Octal D-Type Flip-Flop with 3-State Output

MC74VHCT574AM Datasheet (HTML) - ON Semiconductor

MC74VHCT574AM Datasheet HTML 1Page - ON Semiconductor MC74VHCT574AM Datasheet HTML 2Page - ON Semiconductor MC74VHCT574AM Datasheet HTML 3Page - ON Semiconductor MC74VHCT574AM Datasheet HTML 4Page - ON Semiconductor MC74VHCT574AM Datasheet HTML 5Page - ON Semiconductor MC74VHCT574AM Datasheet HTML 6Page - ON Semiconductor

MC74VHCT574AM Product details

Octal D−Type Flip−Flop with 3−State Output

The MC74VHCT574A is an advanced high speed CMOS octal flip−flop with 3−state output fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation.
This 8−bit D−type flip−flop is controlled by a clock input and an output enable input. When the output enable input is high, the eight outputs are in a high impedance state.
The VHCT inputs are compatible with TTL levels. This device can be used as a level converter for interfacing 3.3 V to 5.0 V, because it has full 5.0 V CMOS level output swings.
The VHCT574A input and output (when disabled) structures provide protection when voltages between 0 V and 5.5 V are applied, regardless of the supply voltage. These input and output structures help prevent device destruction caused by supply voltage−input/output voltage mismatch, battery backup, hot insertion, etc.

Features
• High Speed: fmax = 140 MHz (Typ) at VCC = 5.0 V
• Low Power Dissipation: ICC = 4 μA (Max) at TA = 25°C
• TTL−Compatible Inputs: VIL = 0.8 V; VIH = 2.0 V
• Power Down Protection Provided on Inputs and Outputs
• Balanced Propagation Delays
• Designed for 4.5 V to 5.5 V Operating Range
• Low Noise: VOLP = 1.6 V (Max)
• Pin and Function Compatible with Other Standard Logic Families
• Latchup Performance Exceeds 300 mA
• ESD Performance:
   Human Body Model > 2000 V;
   Machine Model > 200 V
• Chip Complexity: 286 FETs or 71.5 Equivalent Gates
• Pb−Free Packages are Available*




Similar Part No. - MC74VHCT574AM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT574A ONSEMI-MC74VHCT574A Datasheet
98Kb / 7P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
January, 2006 ??Rev. 4
MC74VHCT574A ONSEMI-MC74VHCT574A Datasheet
137Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
June, 2011 ??Rev. 5
MC74VHCT574ADT ONSEMI-MC74VHCT574ADT Datasheet
98Kb / 7P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
January, 2006 ??Rev. 4
MC74VHCT574ADTG ONSEMI-MC74VHCT574ADTG Datasheet
98Kb / 7P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
January, 2006 ??Rev. 4
MC74VHCT574ADTG ONSEMI-MC74VHCT574ADTG Datasheet
137Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
June, 2011 ??Rev. 5
More results


Similar Description - MC74VHCT574AM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74VHC374 MOTOROLA-MC74VHC374 Datasheet
177Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
logo
Toshiba Semiconductor
TC7MH374FK TOSHIBA-TC7MH374FK Datasheet
194Kb / 8P
   Octal D-Type Flip-Flop with 3-State Output
logo
ON Semiconductor
MC74VHCT574A ONSEMI-MC74VHCT574A_11 Datasheet
137Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
June, 2011 ??Rev. 5
logo
Toshiba Semiconductor
TC74AC374FT TOSHIBA-TC74AC374FT Datasheet
321Kb / 7P
   OCTAL D - TYPE FLIP -FLOP WITH 3 STATE OUTPUT
logo
ON Semiconductor
MC74VHCT374A ONSEMI-MC74VHCT374A_11 Datasheet
150Kb / 8P
   Octal D-Type Flip-Flop with 3-State Output
June, 2011 ??Rev. 5
logo
Toshiba Semiconductor
TC7MET374AFK TOSHIBA-TC7MET374AFK Datasheet
222Kb / 5P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT
TC74LVX374F TOSHIBA-TC74LVX374F Datasheet
281Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH 3-STATE OUTPUT
logo
ON Semiconductor
MC74VHCT374A ONSEMI-MC74VHCT374A Datasheet
169Kb / 6P
   Octal D-Type Flip-Flop with 3-State Output
REV 0
MC74VHCT374A ONSEMI-MC74VHCT374A_14 Datasheet
103Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
October, 2014 ??Rev. 6
logo
Toshiba Semiconductor
TC7MET374AFK TOSHIBA-TC7MET374AFK_07 Datasheet
188Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com