Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHCT245A Datasheet (PDF) - ON Semiconductor

MC74VHCT245A Datasheet PDF - ON Semiconductor
Part # MC74VHCT245A
Download  MC74VHCT245A Download

File Size   163.1 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Octal Bus Transceiver

MC74VHCT245A Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74VHCT245A Datasheet PDF - ON Semiconductor

Part # MC74VHCT245A
Download  MC74VHCT245A Click to download

File Size   163.1 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Octal Bus Transceiver

MC74VHCT245A Datasheet (HTML) - ON Semiconductor

MC74VHCT245A Datasheet HTML 1Page - ON Semiconductor MC74VHCT245A Datasheet HTML 2Page - ON Semiconductor MC74VHCT245A Datasheet HTML 3Page - ON Semiconductor MC74VHCT245A Datasheet HTML 4Page - ON Semiconductor MC74VHCT245A Datasheet HTML 5Page - ON Semiconductor MC74VHCT245A Datasheet HTML 6Page - ON Semiconductor

MC74VHCT245A Product details

The MC74VHCT245A is an advanced high speed CMOS octal bus transceiver fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation.

Features
• High Speed: tPD = 4.9 ns (Typ) at VCC = 5.0 V
• Low Power Dissipation: ICC = 4 μA (Max) at TA = 25°C
• TTL−Compatible Inputs: VIL = 0.8 V; VIH = 2.0 V
• Power Down Protection Provided on Inputs and Outputs
• Balanced Propagation Delays
• Designed for 4.5 V to 5.5 V Operating Range
• Low Noise: VOLP = 1.6 V (Max)
• Pin and Function Compatible with Other Standard Logic Families
• Latchup Performance Exceeds 300 mA
• ESD Performance:
    Human Body Model > 2000 V;
    Machine Model > 200 V
• Chip Complexity: 304 FETs or 76 Equivalent Gates
• Pb−Free Packages are Available*

APPLICATION NOTES
• Do not force a signal on an I/O pin when it is an active output, damage may occur.
• All floating (high impedance) input or I/O pins must be fixed by means of pullup or pulldown resistors or bus terminator ICs.




Similar Part No. - MC74VHCT245A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT245A ONSEMI-MC74VHCT245A Datasheet
106Kb / 7P
   Octal Bus Transceiver
January, 2006 ??Rev. 5
MC74VHCT245A ONSEMI-MC74VHCT245A Datasheet
100Kb / 7P
   Octal Bus Transceiver
October, 2014 ??Rev. 7
MC74VHCT245ADT ONSEMI-MC74VHCT245ADT Datasheet
106Kb / 7P
   Octal Bus Transceiver
January, 2006 ??Rev. 5
MC74VHCT245ADTG ONSEMI-MC74VHCT245ADTG Datasheet
106Kb / 7P
   Octal Bus Transceiver
January, 2006 ??Rev. 5
MC74VHCT245ADTG ONSEMI-MC74VHCT245ADTG Datasheet
100Kb / 7P
   Octal Bus Transceiver
October, 2014 ??Rev. 7
More results


Similar Description - MC74VHCT245A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC245AP TOSHIBA-TC74HC245AP_07 Datasheet
273Kb / 8P
   Octal Bus Transceiver
TC74VHC245F TOSHIBA-TC74VHC245F_12 Datasheet
211Kb / 9P
   Octal Bus Transceiver
logo
Siemens Semiconductor G...
SAB8286A SIEMENS-SAB8286A Datasheet
110Kb / 6P
   OCTAL BUS TRANSCEIVER
logo
ON Semiconductor
MC74VHCT245A ONSEMI-MC74VHCT245A_14 Datasheet
100Kb / 7P
   Octal Bus Transceiver
October, 2014 ??Rev. 7
logo
Toshiba Semiconductor
TC74VHC245F TOSHIBA-TC74VHC245F_V01 Datasheet
316Kb / 6P
   OCTAL BUS TRANSCEIVER
1997-01-30
logo
Fairchild Semiconductor
DM74LS645 FAIRCHILD-DM74LS645 Datasheet
52Kb / 5P
   Octal Bus Transceiver
logo
Toshiba Semiconductor
TC74LVX245F TOSHIBA-TC74LVX245F Datasheet
270Kb / 8P
   OCTAL BUS TRANSCEIVER
logo
Motorola, Inc
SN54LS245 MOTOROLA-SN54LS245 Datasheet
155Kb / 4P
   OCTAL BUS TRANSCEIVER
logo
ON Semiconductor
MC74LVX245 ONSEMI-MC74LVX245_14 Datasheet
116Kb / 7P
   Octal Bus Transceiver
August, 2014 ??Rev. 5
MC74VHC245 ONSEMI-MC74VHC245 Datasheet
178Kb / 8P
   Octal Bus Transceiver
March, 2006 ??Rev. 5
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com