Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA1-4741/883 Datasheet (PDF) - Intersil Corporation

HA1-4741/883 Datasheet PDF - Intersil Corporation
Part # HA1-4741/883
Download  HA1-4741/883 Download

File Size   100.87 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad Operational Amplifier

HA1-4741/883 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA1-4741/883 Datasheet PDF - Intersil Corporation

Part # HA1-4741/883
Download  HA1-4741/883 Click to download

File Size   100.87 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad Operational Amplifier

HA1-4741/883 Datasheet (HTML) - Intersil Corporation

HA1-4741/883 Datasheet HTML 1Page - Intersil Corporation HA1-4741/883 Datasheet HTML 2Page - Intersil Corporation HA1-4741/883 Datasheet HTML 3Page - Intersil Corporation HA1-4741/883 Datasheet HTML 4Page - Intersil Corporation HA1-4741/883 Datasheet HTML 5Page - Intersil Corporation

HA1-4741/883 Product details

Description
The Intersil HA-4741/883, which contains four amplifiers on a monolithic chip, provides a new measure of performance for general purpose operational amplifiers. Each amplifier in the HA-4741/883 has operating specifications that equal or exceed those of the 741-type amplifier in all categories of performance.

Features
• This Circuit is Processed in Accordance to MIL-STD-883 and is Fully Conformant Under the Provisions of Paragraph 1.2.1.
• Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . 0.9V/µs (Min)
• Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . 2.5MHz (Min)
• Input Offset Voltage. . . . . . . . . . . . . . . . . . . . 3mV (Max)
• Input Bias Current . . . . . . . . . . . . . . . . . . . 200nA (Max)
• Input Voltage Noise . . . . . . . . . . . . . . . . . 9nV/√Hz (Typ)
• No Crossover Distortion
• Standard Quad Pinout

Applications
• Universal Active Filters
• D3 Communications Filters
• Audio Amplifiers
• Battery-Powered Equipment




Similar Part No. - HA1-4741/883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA1-4741-2 INTERSIL-HA1-4741-2 Datasheet
62Kb / 6P
   Quad, 3.5MHz, Operational Amplifier
September 1998
HA1-4741-2 INTERSIL-HA1-4741-2 Datasheet
352Kb / 8P
   Quad, 3.5MHz, Operational Amplifier
logo
Renesas Technology Corp
HA1-4741-2 RENESAS-HA1-4741-2 Datasheet
361Kb / 8P
   Quad, 3.5MHz, Operational Amplifier
July 2004
logo
Intersil Corporation
HA1-4741-5 INTERSIL-HA1-4741-5 Datasheet
62Kb / 6P
   Quad, 3.5MHz, Operational Amplifier
September 1998
More results


Similar Description - HA1-4741/883

ManufacturerPart #DatasheetDescription
logo
Rohm
BA14741 ROHM-BA14741 Datasheet
50Kb / 4P
   Quad operational amplifier
logo
Fujitsu Component Limit...
MB3614 FUJITSU-MB3614 Datasheet
89Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17301P HITACHI-HA17301P Datasheet
61Kb / 14P
   Quad Operational Amplifier
HA17474 HITACHI-HA17474 Datasheet
31Kb / 5P
   Quad Operational Amplifier
logo
Silicon Supplies
LM324A SS-LM324A Datasheet
1Mb / 6P
   Quad Operational Amplifier
Rev 1.0 16/06/18
logo
First Silicon Co., Ltd
FA324P FS-FA324P Datasheet
124Kb / 4P
   QUAD OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA324 FAIRCHILD-KA324_12 Datasheet
177Kb / 12P
   Quad Operational Amplifier
logo
New Japan Radio
NJM2112 NJRC-NJM2112 Datasheet
218Kb / 5P
   QUAD OPERATIONAL AMPLIFIER
NJM2058 NJRC-NJM2058 Datasheet
226Kb / 6P
   QUAD OPERATIONAL AMPLIFIER
NJM2060 NJRC-NJM2060 Datasheet
231Kb / 6P
   QUAD OPERATIONAL AMPLIFIER?
logo
Fujitsu Component Limit...
MB3615 FUJITSU-MB3615 Datasheet
82Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com