|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
S8065J - SCRs (1 A to 70 A) - Littelfuse |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| TYNX40-1 | 40A SCRs | 1 2 3 4 | STMicroelectronics |
| ID100 | SCRs .5 Amp Planar | 1 2 3 | Microsemi Corporation |
| MCR225-8FP | ISOLATED SCRs 25 AMPERES RMS 600 thru 800 VOLTS | 1 2 3 4 5 More | ON Semiconductor |
| 2N6394 | SCRs 12 AMPERES RMS 50 thru 800 VOLTS | 1 2 3 4 5 More | Motorola, Inc |
| TYNX40 | 40A SCRs | 1 2 3 4 | STMicroelectronics |
| ID200 | SCRs 1.6 Amp Planear | 1 2 | Microsemi Corporation |
| P0102AL | 0.25A SCRs | 1 2 3 4 5 More | STMicroelectronics |
| BRX44 | SCRs 0.8 AMPERE RMS 30 TO 400 VOLTS | 1 2 3 4 | Motorola, Inc |
| X02 | 1.25A SCRs | 1 2 3 4 5 More | STMicroelectronics |
| 2N681 | 25 and 35 Amp RMS SCRs | 1 2 3 4 5 More | Knox Semiconductor, Inc |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
|
|