|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
Q6025P5 - Triacs (0.8 A to 35 A) - Littelfuse |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| L2X8E3 | Sensitive Triacs 0.8 A to 8 A | 1 2 3 4 5 More | Littelfuse |
| IRF9230 | -5.5A and -6.5A -150V and -200V 0.8 and 1.2 Ohm P-Channel Power MOSFETs | 1 2 3 4 5 More | Intersil Corporation |
| AC0V8DGM | 0.8 A MOLD TRIAC | 1 2 3 4 5 More | NEC |
| LTS-3406L | 0.8 SINGLE DIGIT NUMERIC DISPLAYS | 1 2 3 4 5 More | Lite-On Technology Corporation |
| SMT05E-12V | 0.8 Vin - 3.63 Vin Single output | 1 2 3 4 5 More | Artesyn Technologies |
| MAC212-4 | TRIACs 12 AMPERES RMS 200 thru 800 VOLTS | 1 2 3 4 | Motorola, Inc |
| BT131 | Triacs logic level | 1 2 3 4 5 More | NXP Semiconductors |
| BT136S | Triacs logic level | 1 2 3 4 5 More | NXP Semiconductors |
| BT137X | Triacs sensitive gate | 1 2 3 4 5 More | NXP Semiconductors |
| BT139X | Triacs sensitive gate | 1 2 3 4 5 More | NXP Semiconductors |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 |
Link URL |
|
|