Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRF2402 Datasheet (PDF) - List of Unclassifed Manufacturers

NRF2402 Datasheet PDF - List of Unclassifed Manufacturers
Part # NRF2402
Download  NRF2402 Download

File Size   368.96 Kbytes
Page   31 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Single chip 2.4 GHz Transmitter

NRF2402 Datasheet (PDF)

Go To PDF Page Download Datasheet
NRF2402 Datasheet PDF - List of Unclassifed Manufacturers

Part # NRF2402
Download  NRF2402 Click to download

File Size   368.96 Kbytes
Page   31 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Single chip 2.4 GHz Transmitter

NRF2402 Datasheet (HTML) - List of Unclassifed Manufacturers

Back Button NRF2402 Datasheet HTML 1Page - List of Unclassifed Manufacturers NRF2402 Datasheet HTML 2Page - List of Unclassifed Manufacturers NRF2402 Datasheet HTML 3Page - List of Unclassifed Manufacturers NRF2402 Datasheet HTML 4Page - List of Unclassifed Manufacturers NRF2402 Datasheet HTML 5Page - List of Unclassifed Manufacturers NRF2402 Datasheet HTML 6Page - List of Unclassifed Manufacturers NRF2402 Datasheet HTML 7Page - List of Unclassifed Manufacturers NRF2402 Datasheet HTML 8Page - List of Unclassifed Manufacturers NRF2402 Datasheet HTML 9Page - List of Unclassifed Manufacturers NRF2402 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button 

NRF2402 Product details

[NORDIC SEMI]

GENERAL DESCRIPTION
nRF2402/nRF2402G is a single-chip radio transmitter for the world wide 2.4 - 2.5 GHz ISM band. The transmitter consists of a fully integrated frequency synthesizer, a power amplifier, a crystal oscillator and a modulator. Output power and frequency channel is easily programmable by use of the 3-wire interface. Current consumption is very low, only 10 mA at an output power of -5dBm. Built-in ShockBurst™ and Power Down modes makes power saving easily realizable.

FEATURES
• True single chip GFSK transmitter in a small 16-pin package (QFN16 4x4)
• Adjustable output power up to 0dBm
• Data rate 0 to 1Mbps
• Low Bill of Material
• Multi Channel operation
    • 128 channels
    • Support frequency hopping
    • Channel switching time <200ms.
• Power supply range: 1.9 to 3.6 V
• CRC computation
• ShockBurst™ mode for ultra-low power operation
• Low supply current, typical 10mA peak @ -5dBm output power
• 100% RF tested
• World wide use

APPLICATIONS
• Wireless mouse, keyboard, joystick
• Keyless entry
• Wireless data communication
• Alarm and security systems
• Home Automation
• Remote control
• Surveillance
• Automotive
• Telemetry
• Intelligent sports equipment
• Industrial sensors
• Toys




Similar Part No. - NRF2402

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NRF2401 ETC-NRF2401 Datasheet
850Kb / 37P
   Single chip 2.4 GHz Transceiver
NRF2401-EVKIT ETC-NRF2401-EVKIT Datasheet
850Kb / 37P
   Single chip 2.4 GHz Transceiver
NRF2401A ETC1-NRF2401A Datasheet
248Kb / 38P
   Single chip 2.4 GHz Transceiver
NRF2401A-EVKIT ETC1-NRF2401A-EVKIT Datasheet
248Kb / 38P
   Single chip 2.4 GHz Transceiver
NRF2401AG ETC1-NRF2401AG Datasheet
248Kb / 38P
   Single chip 2.4 GHz Transceiver
More results


Similar Description - NRF2402

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NRF2401 ETC-NRF2401 Datasheet
850Kb / 37P
   Single chip 2.4 GHz Transceiver
NRF2401A ETC1-NRF2401A Datasheet
248Kb / 38P
   Single chip 2.4 GHz Transceiver
NRF24L01 ETC1-NRF24L01 Datasheet
457Kb / 39P
   Single chip 2.4 GHz Transceiver
logo
Intersil Corporation
CD54AC280 INTERSIL-CD54AC280 Datasheet
9Kb / 1P
   2.4 GHZ WDECT/ISM SINGLE-CHIP TRANSCEIVER
logo
ATMEL Corporation
T2803 ATMEL-T2803 Datasheet
501Kb / 27P
   2.4 GHZ WDECT/ISM SINGLE CHIP TRANSCEIVER
T2803 ATMEL-T2803_05 Datasheet
582Kb / 28P
   2.4 GHZ WDECT/ISM SINGLE CHIP TRANSCEIVER
T2802 ATMEL-T2802 Datasheet
550Kb / 29P
   2.4 GHz WDECT/ISM SINGLE-CHIP TRANSCEIVER
logo
EnOcean GmbH.
PTM535Z ENOCEAN-PTM535Z Datasheet
190Kb / 1P
   2.4 GHz IEEE 802.15.4 Miniswitch Transmitter PTM 535Z
June 2019
logo
Texas Instruments
CC2550 TI1-CC2550_13 Datasheet
1Mb / 61P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2550 TI-CC2550_11 Datasheet
740Kb / 59P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com