|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
GMV7811 - GaAs Hyperabrupt Junction Varactor Diodes - Skyworks Solutions Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| KV1911A | UHF-MICROWAVE SUPER HYPERABRUPT JUNCTION VARACTOR DIODES | 1 | Microsemi Corporation |
| ZMV829ATA | SILICON 28V HYPERABRUPT VARACTOR DIODES | 1 2 3 4 5 More | Zetex Semiconductors |
| SCP-5760 | GaAs CONSTANT GAMMA HYPERABRUPT VARACTOR DIODE | 1 2 | Sensitron |
| SMV1135 | Hyperabrupt Junction Tuning Varactor | 1 2 3 | Alpha Industries |
| SMV2022 | Hyperabrupt Junction Tuning Varactor | 1 2 | Alpha Industries |
| SMV3022 | Surface Mount 3022 / 3033 SERIES Varactor SUPER HYPERABRUPT TUNING DIODES FOR VCXOâS | 1 | Knox Semiconductor, Inc |
| SCP-5761 | GaAs CONSTANT GAMMA HYPERABRUPT VARACTOR DIODE | 1 2 | Sensitron |
| SMV1771-079 | Hyperabrupt Junction Tuning Varactor | 1 2 3 | Skyworks Solutions Inc. |
| SMV1245-011 | Hyperabrupt Junction Tuning Varactor | 1 2 | Alpha Industries |
| ZC930 | SILICON 12V HYPERABRUPT VARACTOR DIODES | 1 2 3 4 5 More | Zetex Semiconductors |
Datasheet Page |
1 2 3 |
Link URL |
|
|