Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVX373MG Datasheet (PDF) - ON Semiconductor

MC74LVX373MG Datasheet PDF - ON Semiconductor
Part # MC74LVX373MG
Download  MC74LVX373MG Download

File Size   101.57 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Octal D-Type Latch with 3-State Outputs With 5V?뭈olerant Inputs

MC74LVX373MG Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74LVX373MG Datasheet PDF - ON Semiconductor

Part # MC74LVX373MG
Download  MC74LVX373MG Click to download

File Size   101.57 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Octal D-Type Latch with 3-State Outputs With 5V?뭈olerant Inputs

MC74LVX373MG Datasheet (HTML) - ON Semiconductor

MC74LVX373MG Datasheet HTML 1Page - ON Semiconductor MC74LVX373MG Datasheet HTML 2Page - ON Semiconductor MC74LVX373MG Datasheet HTML 3Page - ON Semiconductor MC74LVX373MG Datasheet HTML 4Page - ON Semiconductor MC74LVX373MG Datasheet HTML 5Page - ON Semiconductor MC74LVX373MG Datasheet HTML 6Page - ON Semiconductor MC74LVX373MG Datasheet HTML 7Page - ON Semiconductor MC74LVX373MG Datasheet HTML 8Page - ON Semiconductor

MC74LVX373MG Product details

The MC74LVX373 is an advanced high speed CMOS octal latch with 3−state outputs. The inputs tolerate voltages up to 7.0 V, allowing the interface of 5.0 V systems to 3.0 V systems.
This 8−bit D−type latch is controlled by a latch enable input and an output enable input. When the output enable input is high, the eight outputs are in a high impedance state.

Features
• High Speed: tPD = 5.8 ns (Typ) at VCC = 3.3 V
• Low Power Dissipation: ICC = 4 μA (Max) at TA = 25°C
• Power Down Protection Provided on Inputs
• Balanced Propagation Delays
• Low Noise: VOLP = 0.8 V (Max)
• Pin and Function Compatible with Other Standard Logic Families
• Latchup Performance Exceeds 300 mA
• ESD Performance:
                            Human Body Model > 2000 V;
                            Machine Model > 200 V
• Pb−Free Packages are Available*




Similar Part No. - MC74LVX373MG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LVX373M MOTOROLA-MC74LVX373M Datasheet
168Kb / 7P
   LOW-VOLTAGE CMOS
More results


Similar Description - MC74LVX373MG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374 Datasheet
101Kb / 8P
   Octal D-Type Flip-Flop with 3-State Outputs With 5V?뭈olerant Inputs
March, 2005 ??Rev. 2
MC74LVX573 ONSEMI-MC74LVX573 Datasheet
102Kb / 8P
   Octal D-Type Latch with 3-State Outputs With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 3
logo
STMicroelectronics
74LCX373 STMICROELECTRONICS-74LCX373 Datasheet
225Kb / 10P
   OCTAL D-TYPE LATCH NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
September 2001
74LCX573 STMICROELECTRONICS-74LCX573_04 Datasheet
276Kb / 13P
   OCTAL D-TYPE LATCH NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX573 STMICROELECTRONICS-74LCX573 Datasheet
227Kb / 10P
   OCTAL D-TYPE LATCH NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX373 STMICROELECTRONICS-74LCX373_04 Datasheet
276Kb / 13P
   OCTAL D-TYPE LATCH NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74F573SJX FAIRCHILD-74F573SJX Datasheet
72Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373SJX FAIRCHILD-74VHC373SJX Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC564 MOTOROLA-MC74AC564 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com