Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVX573DWR2 Datasheet (PDF) - ON Semiconductor

MC74LVX573DWR2 Datasheet PDF - ON Semiconductor
Part # MC74LVX573DWR2
Download  MC74LVX573DWR2 Download

File Size   102.31 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Octal D-Type Latch with 3-State Outputs With 5 V?뭈olerant Inputs

MC74LVX573DWR2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74LVX573DWR2 Datasheet PDF - ON Semiconductor

Part # MC74LVX573DWR2
Download  MC74LVX573DWR2 Click to download

File Size   102.31 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Octal D-Type Latch with 3-State Outputs With 5 V?뭈olerant Inputs

MC74LVX573DWR2 Datasheet (HTML) - ON Semiconductor

MC74LVX573DWR2 Datasheet HTML 1Page - ON Semiconductor MC74LVX573DWR2 Datasheet HTML 2Page - ON Semiconductor MC74LVX573DWR2 Datasheet HTML 3Page - ON Semiconductor MC74LVX573DWR2 Datasheet HTML 4Page - ON Semiconductor MC74LVX573DWR2 Datasheet HTML 5Page - ON Semiconductor MC74LVX573DWR2 Datasheet HTML 6Page - ON Semiconductor MC74LVX573DWR2 Datasheet HTML 7Page - ON Semiconductor MC74LVX573DWR2 Datasheet HTML 8Page - ON Semiconductor

MC74LVX573DWR2 Product details

The MC74LVX573 is an advanced high speed CMOS octal latch with 3−state outputs. The inputs tolerate voltages up to 7.0 V, allowing the interface of 5.0 V systems to 3.0 V systems.
This 8−bit D−type latch is controlled by a latch enable input and an output enable input. When the output enable input is high, the eight outputs are in a high impedance state.

Features
• High Speed: tPD = 6.4 ns (Typ) at VCC = 3.3 V
• Low Power Dissipation: ICC = 4 μA (Max) at TA = 25°C
• Power Down Protection Provided on Inputs
• Balanced Propagation Delays
• Low Noise: VOLP = 0.8 V (Max)
• Pin and Function Compatible with Other Standard Logic Families
• Latchup Performance Exceeds 300 mA
• ESD Performance: Human Body Model > 2000 V;
                                  Machine Model > 200 V
• Pb−Free Packages are Available*




Similar Part No. - MC74LVX573DWR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX573DWR2G ONSEMI-MC74LVX573DWR2G Datasheet
117Kb / 7P
   Octal D-Type Latch with 3-State Outputs
August, 2014 ??Rev. 5
More results


Similar Description - MC74LVX573DWR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX373 ONSEMI-MC74LVX373 Datasheet
101Kb / 8P
   Octal D-Type Latch with 3-State Outputs With 5V?뭈olerant Inputs
March, 2005 ??Rev. 2
logo
NXP Semiconductors
74LVC573A PHILIPS-74LVC573A_15 Datasheet
161Kb / 20P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 5-19 February 2013
logo
Nexperia B.V. All right...
74LVC573A NEXPERIA-74LVC573A Datasheet
274Kb / 16P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 8 - 27 August 2021
74LVC573A-Q100 NEXPERIA-74LVC573A-Q100 Datasheet
261Kb / 16P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
74LVC373A NEXPERIA-74LVC373A Datasheet
274Kb / 15P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 5 - 27 August 2021
logo
NXP Semiconductors
74LVC373A PHILIPS-74LVC373A_15 Datasheet
150Kb / 19P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 3-22 November 2012
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374 Datasheet
101Kb / 8P
   Octal D-Type Flip-Flop with 3-State Outputs With 5V?뭈olerant Inputs
March, 2005 ??Rev. 2
logo
NXP Semiconductors
74LVC373A PHILIPS-74LVC373A Datasheet
103Kb / 12P
   Octal D-type transparent latch with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
74LVC573A PHILIPS-74LVC573A Datasheet
102Kb / 12P
   Octal D-type transparent latch with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
logo
Fairchild Semiconductor
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com