|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FQAF11N90C - 900V N-Channel MOSFET - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FQA7N90 | 900V N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FQP2NA90 | 900V N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FQP8N90C | 900V N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| STB3NC90Z | N-CHANNEL 900V - 3.2W - 3.5A D2PAK Zener-Protected PowerMESHâ¢III MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| FQA7N90M | 900V N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FQP3N90 | 900V N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| STW12NK90Z | N-CHANNEL 900V - 0.72 ohm - 11A TO-247 Zener-Protected SuperMESH Power MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| STW6NC90Z | N-CHANNEL 900V - 2.1ohm - 5.2A TO-247 Zener-Protected PowerMESHâ¢III MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| FQA9N90 | 900V N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FQP5N90 | 900V N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|