|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TMG10D80F - TRIAC(Through Hole/Isolated) - SanRex Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| TMG10C60F | TRIAC Through Hole / Isolated | 1 2 | SanRex Corporation |
| 2662K | HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Transformers | 1 2 | Bel Fuse Inc. |
| ASDX | 0 TO 1 PSI THROUGH 0 TO 100 PSI PRESSURE TRANSDUCERS SenSym ICT | 1 2 3 4 | List of Unclassifed Manufacturers |
| K7M163625A | 512Kx36 & 1Mx18-Bit Flow Through NtRAM | 1 2 3 4 5 More | Samsung semiconductor |
| GS881Z18AT | 9Mb Pipelined and Flow Through Synchronous NBT SRAM | 1 2 3 4 5 More | GSI Technology |
| GS8162Z72CC-V | 18Mb Pipelined and Flow Through Synchronous NBT SRAM | 1 2 3 4 5 More | GSI Technology |
| IC61SF12832 | 128K x 32 Flow Through SyncBurst SRAM | 1 2 3 4 5 More | Integrated Circuit Solution Inc |
| 2745AK2 | HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Shielded Transformer | 1 2 | Bel Fuse Inc. |
| MOC2R6010 | OPTOISOLATOR 2 AMPS RANDOM-PHASE TRIAC OUTPUT 600 VOLTS | 1 2 3 4 5 More | Motorola, Inc |
| NTE56019 | TRIAC 25 Amp | 1 2 | NTE Electronics |
Datasheet Page |
1 2 |
Link URL |
|
|