Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMC20171NY-LY-B Datasheet (PDF) - OPTREX CORPORATION

DMC20171NY-LY-B Datasheet PDF - OPTREX CORPORATION
Part # DMC20171NY-LY-B
Download  DMC20171NY-LY-B Download

File Size   179.43 Kbytes
Page   16 Pages
Manufacturer  OPTREX [OPTREX CORPORATION]
Direct Link  http://www.kyocera-display.eu
Logo OPTREX - OPTREX CORPORATION
Description LCD Module Specification

DMC20171NY-LY-B Datasheet (PDF)

Go To PDF Page Download Datasheet
DMC20171NY-LY-B Datasheet PDF - OPTREX CORPORATION

Part # DMC20171NY-LY-B
Download  DMC20171NY-LY-B Click to download

File Size   179.43 Kbytes
Page   16 Pages
Manufacturer  OPTREX [OPTREX CORPORATION]
Direct Link  http://www.kyocera-display.eu
Logo OPTREX - OPTREX CORPORATION
Description LCD Module Specification

DMC20171NY-LY-B Datasheet (HTML) - OPTREX CORPORATION

Back Button DMC20171NY-LY-B Datasheet HTML 1Page - OPTREX CORPORATION DMC20171NY-LY-B Datasheet HTML 2Page - OPTREX CORPORATION DMC20171NY-LY-B Datasheet HTML 3Page - OPTREX CORPORATION DMC20171NY-LY-B Datasheet HTML 4Page - OPTREX CORPORATION DMC20171NY-LY-B Datasheet HTML 5Page - OPTREX CORPORATION DMC20171NY-LY-B Datasheet HTML 6Page - OPTREX CORPORATION DMC20171NY-LY-B Datasheet HTML 7Page - OPTREX CORPORATION DMC20171NY-LY-B Datasheet HTML 8Page - OPTREX CORPORATION DMC20171NY-LY-B Datasheet HTML 9Page - OPTREX CORPORATION DMC20171NY-LY-B Datasheet HTML 10Page - OPTREX CORPORATION Next Button 

DMC20171NY-LY-B Product details

General Specifications
   Operating Temp. : min. 0℃ ~ max. 50℃
   Storage Temp. : min. -20℃ ~ max. 70℃
   Display Format : 20 characters × 1 lines
   Display Fonts : 5 × 7 dots + cursor ( 1 character )
   Viewing Area : 154.0 (W) × 15.3 (H) mm
   Outline Dimensions : 182.0 (W) × 33.5 (H) × (14.35) (D) mm
   Weight : 110g max.
   LCD Type : NTD-7264
                        ( STN / Yellow-mode / Transmissive )
   Viewing Angle : 6:00
   Backlight : LED Backlight / Yellow-green
   Drawings : Dimensional Outline UE-32425F




Similar Part No. - DMC20171NY-LY-B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC2004DWK DIODES-DMC2004DWK Datasheet
358Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMC2004DWK-7 DIODES-DMC2004DWK-7 Datasheet
358Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMC2004DWK DIODES-DMC2004DWK_15 Datasheet
358Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMC2004LPK DIODES-DMC2004LPK Datasheet
365Kb / 7P
   COMPLEMENTARY PAIR ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMC2004LPK-7 DIODES-DMC2004LPK-7 Datasheet
365Kb / 7P
   COMPLEMENTARY PAIR ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
More results


Similar Description - DMC20171NY-LY-B

ManufacturerPart #DatasheetDescription
logo
OPTREX CORPORATION
DMC20261NYJ-LY-BCE OPTREX-DMC20261NYJ-LY-BCE Datasheet
179Kb / 16P
   LCD Module Specification
DMC20481NY-LY-AGE OPTREX-DMC20481NY-LY-AGE Datasheet
180Kb / 16P
   LCD Module Specification
DM16207H OPTREX-DM16207H Datasheet
164Kb / 15P
   LCD Module Specification
logo
OPTEK Technologies
DMC20261NY-LY-AXE OPTEK-DMC20261NY-LY-AXE Datasheet
178Kb / 16P
   LCD Module Specification
DMC50448 OPTEK-DMC50448 Datasheet
169Kb / 15P
   LCD Module Specification
logo
OPTREX CORPORATION
DMC16205 OPTREX-DMC16205 Datasheet
165Kb / 15P
   LCD Module Specification
logo
List of Unclassifed Man...
AT043TN13 ETC2-AT043TN13 Datasheet
408Kb / 25P
   LCD MODULE SPECIFICATION
ST50AN01 ETC1-ST50AN01 Datasheet
148Kb / 8P
   LCD MODULE SPECIFICATION
GM123210SFSYB-01 ETC-GM123210SFSYB-01 Datasheet
218Kb / 20P
   LCD MODULE SPECIFICATION
GM126414FRNNB-01 ETC-GM126414FRNNB-01 Datasheet
837Kb / 23P
   LCD MODULE SPECIFICATION
logo
OPTREX CORPORATION
F-51167NCU-FW-AB OPTREX-F-51167NCU-FW-AB Datasheet
281Kb / 17P
   LCD Module Specification
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com