|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FDC6432SH - 12V P-Channel PowerTrench MOSFET, 30V PowerTrench SyncFET - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SI4435DY | 30V P-Channel PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
| FDS4935A | Dual 30V P-Channel PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
| FDZ7064AS | 30V N-Channel PowerTrench SyncFET BGA MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDS9400A | 30V P-Channel PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
| SI6415DQ | 30V P-Channel PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
| FDS9953A | Dual 30V P-Channel PowerTrench MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| SI6435DQ | 30V P-Channel PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
| FDT458P | 30V P-Channel PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
| FDS4935 | Dual 30V P-Channel PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
| FDW256P | 30V P-Channel PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|