|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FDB24AN06LA0 - N-Channel PowerTrench MOSFET 60V, 36A, 24mohm - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FDD10AN06A0 | N-Channel PowerTrench MOSFET 60V 50A 10.5m⦠| 1 2 3 4 5 More | Fairchild Semiconductor |
| FDS9945 | 60V N-Channel PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
| FDD45AN06LA0 | N-Channel PowerTrench MOSFET 60V 22A 45m | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDD8451 | N-Channel PowerTrench MOSFET 40V 28A 24mOHM | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDS5170N7 | 60V N-Channel PowerTrench MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| SI4450DY | 60V N-Channel PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
| FDD14AN06LA0 | N-Channel PowerTrench MOSFET 60V 50A 14.6mohm | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDD107AN06LA0 | N-Channel PowerTrench MOSFET 60V 10A 107m | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDN5630 | 60V N-Channel PowerTrench MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDP038AN06A0 | N-Channel PowerTrench MOSFET 60V 80A 3.8m⦠| 1 2 3 4 5 More | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 |
Link URL |
|
|