Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC44602 Datasheet (PDF) - ON Semiconductor

MC44602 Datasheet PDF - ON Semiconductor
Part # MC44602
Download  MC44602 Download

File Size   332.5 Kbytes
Page   18 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description HIGH PERFORMANCE CURRENT MODE CONTROLLER

MC44602 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC44602 Datasheet PDF - ON Semiconductor

Part # MC44602
Download  MC44602 Click to download

File Size   332.5 Kbytes
Page   18 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description HIGH PERFORMANCE CURRENT MODE CONTROLLER

MC44602 Datasheet (HTML) - ON Semiconductor

Back Button MC44602 Datasheet HTML 1Page - ON Semiconductor MC44602 Datasheet HTML 2Page - ON Semiconductor MC44602 Datasheet HTML 3Page - ON Semiconductor MC44602 Datasheet HTML 4Page - ON Semiconductor MC44602 Datasheet HTML 5Page - ON Semiconductor MC44602 Datasheet HTML 6Page - ON Semiconductor MC44602 Datasheet HTML 7Page - ON Semiconductor MC44602 Datasheet HTML 8Page - ON Semiconductor MC44602 Datasheet HTML 9Page - ON Semiconductor MC44602 Datasheet HTML 10Page - ON Semiconductor Next Button 

MC44602 Product details

High Performance Current Mode Controller

The MC44602 is an enhanced high performance fixed frequency current mode controller that is specifically designed for off–line and high voltage dc–to–dc converter applications. This device has the unique ability of changing operating modes if the converter output is overloaded or shorted, offering the designer additional protection for increased system reliability.

• Separate High Current Source and Sink Outputs Ideally Suited for Driving Bipolar Power Transistors: 1.0 A Source, 1.5 A Sink
• Unique Overload and Short Circuit Protection
• Thermal Protection
• Oscillator with Sync Input
• Current Mode Operation to 500 kHz Output Switching Frequency
• Output Deadtime Adjustable from 50% to 70%
• Automatic Feed Forward Compensation
• Latching PWM for Cycle–By–Cycle Current Limiting
• Input and Reference Undervoltage Lockouts with Hysteresis
• Low Startup and Operating Current




Similar Part No. - MC44602

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44602 MOTOROLA-MC44602 Datasheet
332Kb / 18P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
More results


Similar Description - MC44602

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PJ3842 ETC-PJ3842 Datasheet
375Kb / 15P
   High Performance Current Mode Controller
logo
Taiwan Semiconductor Co...
TS3842B TSC-TS3842B Datasheet
402Kb / 20P
   High Performance Current Mode Controller
logo
Unisonic Technologies
UC3842G UTC-UC3842G_17 Datasheet
208Kb / 7P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
E-Tech Electronics LTD
UC3842G ETL-UC3842G Datasheet
236Kb / 8P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
List of Unclassifed Man...
TS3842B ETC-TS3842B Datasheet
521Kb / 20P
   High Performance Current Mode Controller
PJ3843B ETC1-PJ3843B Datasheet
845Kb / 14P
   High Performance Current Mode Controller
logo
Unisonic Technologies
UC3842G UTC-UC3842G_12 Datasheet
236Kb / 8P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
First Components Intern...
UC3842A FCI-UC3842A Datasheet
262Kb / 6P
   High Performance Current Mode Controller
UC3843A FCI-UC3843A Datasheet
263Kb / 6P
   High Performance Current Mode Controller
UC3844A FCI-UC3844A Datasheet
254Kb / 6P
   High Performance Current Mode Controller
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com